Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 143Page - STMicroelectronics STM32F412XE Datasheet HTML 144Page - STMicroelectronics STM32F412XE Datasheet HTML 145Page - STMicroelectronics STM32F412XE Datasheet HTML 146Page - STMicroelectronics STM32F412XE Datasheet HTML 147Page - STMicroelectronics STM32F412XE Datasheet HTML 148Page - STMicroelectronics STM32F412XE Datasheet HTML 149Page - STMicroelectronics STM32F412XE Datasheet HTML 150Page - STMicroelectronics STM32F412XE Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 193 page
background image
DocID028087 Rev 4
147/193
STM32F412xE/G
Electrical characteristics
161
Table 83. Asynchronous non-multiplexed SRAM/PSRAM/NOR -
read timings(1)(2)
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
2THCLK – 1
2 THCLK + 0.5
ns
tv(NOE_NE)
FSMC_NEx low to FSMC_NOE low
0
1
tw(NOE)
FSMC_NOE low time
2THCLK - 1.5
2THCLK
th(NE_NOE)
FSMC_NOE high to FSMC_NE high hold
time
0-
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
1.5
th(A_NOE)
Address hold time after FSMC_NOE high
0
-
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
0.5
th(BL_NOE)
FSMC_BL hold time after FSMC_NOE high
0
-
tsu(Data_NE)
Data to FSMC_NEx high setup time
THCLK - 1
-
tsu(Data_NOE)
Data to FSMC_NOEx high setup time
THCLK - 1
-
th(Data_NOE)
Data hold time after FSMC_NOE high
0
-
th(Data_NE)
Data hold time after FSMC_NEx high
0
-
tv(NADV_NE)
FSMC_NEx low to FSMC_NADV low
-
0
tw(NADV)
FSMC_NADV low time
-
THCLK + 0.5
Table 84. Asynchronous non-multiplexed SRAM/PSRAM/NOR read -
NWAIT timings(1)(2)
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
7THCLK - 1 7THCLK + 0.5
ns
tw(NOE)
FSMC_NWE low time
5THCLK – 1.5
5THCLK
tw(NWAIT)
FSMC_NWAIT low time
THCLK – 0.5
-
tsu(NWAIT_NE)
FSMC_NWAIT valid before FSMC_NEx
high
5THCLK -1
-
th(NE_NWAIT)
FSMC_NEx hold time after FSMC_NWAIT
invalid
4THCLK + 1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com