Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091VC Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32F091VC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091VC Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F091VC Datasheet HTML 62Page - STMicroelectronics STM32F091VC Datasheet HTML 63Page - STMicroelectronics STM32F091VC Datasheet HTML 64Page - STMicroelectronics STM32F091VC Datasheet HTML 65Page - STMicroelectronics STM32F091VC Datasheet HTML 66Page - STMicroelectronics STM32F091VC Datasheet HTML 67Page - STMicroelectronics STM32F091VC Datasheet HTML 68Page - STMicroelectronics STM32F091VC Datasheet HTML 69Page - STMicroelectronics STM32F091VC Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
66/127
DocID026284 Rev 3
APB
APB-Bridge(2)
3.6
µA/MHz
ADC(3)
4.3
CAN
12.4
CEC
0.4
CRS
0.0
DAC(3)
4.2
DBG (MCU Debug Support)
0.2
I2C1
2.9
I2C2
2.4
PWR
0.6
SPI1
8.8
SPI2
7.8
SYSCFG and COMP
1.9
TIM1
15.2
TIM14
2.6
TIM15
8.7
TIM16
5.8
TIM17
7.0
TIM2
16.2
TIM3
11.9
TIM6
11.8
TIM7
2.5
USART1
17.6
USART2
16.3
USART3
16.2
USART4
4.7
USART5
4.4
USART6
5.5
USART7
5.2
USART8
5.1
WWDG
1.1
All APB peripherals
207.2
1. The BusMatrix is automatically active when at least one master is ON (CPU, DMA).
2. The APB Bridge is automatically active when at least one peripheral is ON on the Bus.
3. The power consumption of the analog part (IDDA) of peripherals such as ADC, DAC, comparators, is not
included. Refer to the tables of characteristics in the subsequent sections.
Table 35. Peripheral current consumption (continued)
Peripheral
Typical consumption at 25 °C
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com