Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091VC Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F091VC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091VC Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F091VC Datasheet HTML 36Page - STMicroelectronics STM32F091VC Datasheet HTML 37Page - STMicroelectronics STM32F091VC Datasheet HTML 38Page - STMicroelectronics STM32F091VC Datasheet HTML 39Page - STMicroelectronics STM32F091VC Datasheet HTML 40Page - STMicroelectronics STM32F091VC Datasheet HTML 41Page - STMicroelectronics STM32F091VC Datasheet HTML 42Page - STMicroelectronics STM32F091VC Datasheet HTML 43Page - STMicroelectronics STM32F091VC Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
Pinouts and pin descriptions
STM32F091xB STM32F091xC
40/127
DocID026284 Rev 3
C5
91
C4
57
C5
41
PB5
I/O
FT
SPI1_MOSI, I2S1_SD,
I2C1_SMBA,
TIM16_BKIN,
TIM3_CH2,
USART5_CK_RTS
WKUP6
B5
92
D3
58
A5
42
PB6
I/O
FTf
I2C1_SCL, USART1_TX,
TIM16_CH1N,
TSC_G5_I03
-
B4
93
C3
59
B5
43
PB7
I/O
FTf
I2C1_SDA, USART1_RX,
USART4_CTS,
TIM17_CH1N,
TSC_G5_IO4
-
A4
94
B4
60
C6
44
PF11-BOOT0
I/O
FT
-
Boot memory
selection
A3
95
B3
61
A6
45
PB8
I/O
FTf
I2C1_SCL, CEC,
TIM16_CH1, TSC_SYNC,
CAN_RX
-
B3
96
A3
62
B6
46
PB9
I/O
FTf
SPI2_NSS, I2S2_WS,
I2C1_SDA, IR_OUT,
TIM17_CH1, EVENTOUT,
CAN_TX
-
C3
97
-
-
-
-
PE0
I/O
FT
EVENTOUT, TIM16_CH1
-
A2
98
-
-
-
-
PE1
I/O
FT
EVENTOUT, TIM17_CH1
-
D3
99
D4
63
A7
47
VSS
S
-
Ground
C4
100 E4
64
A8
48
VDD
S
-
Digital power supply
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After the first RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content
of the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the RTC
domain and RTC register descriptions in the reference manual.
3. PC6, PC7, PC8, PC9, PA8, PA9, PA10, PA11, PA12, PA13, PF6, PA14, PA15, PC10, PC11, PC12, PD0, PD1 and PD2 I/Os
are supplied by VDDIO2
4. After reset, these pins are configured as SWDIO and SWCLK alternate functions, and the internal pull-up on the SWDIO pin
and the internal pull-down on the SWCLK pin are activated.
Table 13. STM32F091xB/xC pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com