Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091VC Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32F091VC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091VC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32F091VC Datasheet HTML 15Page - STMicroelectronics STM32F091VC Datasheet HTML 16Page - STMicroelectronics STM32F091VC Datasheet HTML 17Page - STMicroelectronics STM32F091VC Datasheet HTML 18Page - STMicroelectronics STM32F091VC Datasheet HTML 19Page - STMicroelectronics STM32F091VC Datasheet HTML 20Page - STMicroelectronics STM32F091VC Datasheet HTML 21Page - STMicroelectronics STM32F091VC Datasheet HTML 22Page - STMicroelectronics STM32F091VC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 127 page
background image
DocID026284 Rev 3
19/127
STM32F091xB STM32F091xC
Functional overview
27
precise voltage of VREFINT is individually measured for each part by ST during production
test and stored in the system memory area. It is accessible in read-only mode.
3.10.3
VBAT battery voltage monitoring
This embedded hardware feature allows the application to measure the VBAT battery voltage
using the internal ADC channel ADC_IN18. As the VBAT voltage may be higher than VDDA,
and thus outside the ADC input range, the VBAT pin is internally connected to a bridge
divider by 2. As a consequence, the converted digital value is half the VBAT voltage.
3.11
Digital-to-analog converter (DAC)
The two 12-bit buffered DAC channels can be used to convert digital signals into analog
voltage signal outputs. The chosen design structure is composed of integrated resistor
strings and an amplifier in non-inverting configuration.
This digital Interface supports the following features:
•
8-bit or 12-bit monotonic output
•
Left or right data alignment in 12-bit mode
•
Synchronized update capability
•
Noise-wave generation
•
Triangular-wave generation
•
Dual DAC channel independent or simultaneous conversions
•
DMA capability for each channel
•
External triggers for conversion
Six DAC trigger inputs are used in the device. The DAC is triggered through the timer trigger
outputs and the DAC interface is generating its own DMA requests.
3.12
Comparators (COMP)
The device embeds two fast rail-to-rail low-power comparators with programmable
reference voltage (internal or external), hysteresis and speed (low speed for low power) and
with selectable output polarity.
The reference voltage can be one of the following:
•
External I/O
•
DAC output pins
•
Internal reference voltage or submultiple (1/4, 1/2, 3/4).Refer to Table 28: Embedded
internal reference voltage for the value and precision of the internal reference voltage.
Table 4. Internal voltage reference calibration values
Calibration value name
Description
Memory address
VREFINT_CAL
Raw data acquired at a
temperature of 30 °C (
± 5 °C),
VDDA= 3.3 V (± 10 mV)
0x1FFF F7BA - 0x1FFF F7BB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com