Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091VC Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F091VC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091VC Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F091VC Datasheet HTML 34Page - STMicroelectronics STM32F091VC Datasheet HTML 35Page - STMicroelectronics STM32F091VC Datasheet HTML 36Page - STMicroelectronics STM32F091VC Datasheet HTML 37Page - STMicroelectronics STM32F091VC Datasheet HTML 38Page - STMicroelectronics STM32F091VC Datasheet HTML 39Page - STMicroelectronics STM32F091VC Datasheet HTML 40Page - STMicroelectronics STM32F091VC Datasheet HTML 41Page - STMicroelectronics STM32F091VC Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
Pinouts and pin descriptions
STM32F091xB STM32F091xC
38/127
DocID026284 Rev 3
J10
59
-
-
-
-
PD12
I/O
FT
USART3_RTS,
TSC_G8_IO1,
USART8_CK_RTS
-
H12
60
-
-
-
-
PD13
I/O
FT
TSC_G8_IO2,
USART8_TX
-
H11
61
-
-
-
-
PD14
I/O
FT
TSC_G8_IO3,
USART8_RX
-
H10
62
-
-
-
-
PD15
I/O
FT
TSC_G8_IO4,
CRS_SYNC,
USART7_CK_RTS
-
E12
63
F6
37
E1
-
PC6
I/O
FT
(3)
TIM3_CH1, USART7_TX
-
E11
64E738
D1
-
PC7
I/O
FT
(3)
TIM3_CH2, USART7_RX
-
E10
65E839E2
-
PC8
I/O
FT
(3)
TIM3_CH3, USART8_TX
-
D12
66D840
E3
-
PC9
I/O
FT
(3)
TIM3_CH4, USART8_RX
-
D11
67D741D229
PA8
I/O
FT
(3)
USART1_CK, TIM1_CH1,
EVENTOUT, MCO,
CRS_SYNC
-
D10
68C742C130
PA9
I/O
FT
(3)
USART1_TX, TIM1_CH2,
TIM15_BKIN, MCO,
TSC_G4_IO1, I2C1_SCL
-
C12
69C643C231
PA10
I/O
FT
(3)
USART1_RX, TIM1_CH3,
TIM17_BKIN,
TSC_G4_IO2, I2C1_SDA
-
B12
70C844D332
PA11
I/O
FT
(3)
CAN_RX, USART1_CTS,
TIM1_CH4, COMP1_OUT,
TSC_G4_IO3,
EVENTOUT, I2C2_SCL
-
A12
71B845B133
PA12
I/O
FT
(3)
CAN_TX, USART1_RTS,
TIM1_ETR, COMP2_OUT,
TSC_G4_IO4,
EVENTOUT, I2C2_SDA
-
A11
72A846
C3
34
PA13
I/O
FT
(3)
(4)
IR_OUT, SWDIO
-
C11
73
-
-
-
-
PF6
I/O
FT
(3)
--
F11
74D647
B2
35
VSS
S
-
Ground
G11
75
E6
48
A1
36
VDDIO2
S
-
Digital power supply
Table 13. STM32F091xB/xC pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com