Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091VC Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32F091VC
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091VC Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F091VC Datasheet HTML 78Page - STMicroelectronics STM32F091VC Datasheet HTML 79Page - STMicroelectronics STM32F091VC Datasheet HTML 80Page - STMicroelectronics STM32F091VC Datasheet HTML 81Page - STMicroelectronics STM32F091VC Datasheet HTML 82Page - STMicroelectronics STM32F091VC Datasheet HTML 83Page - STMicroelectronics STM32F091VC Datasheet HTML 84Page - STMicroelectronics STM32F091VC Datasheet HTML 85Page - STMicroelectronics STM32F091VC Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
82/127
DocID026284 Rev 3
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to +/-8 mA, and sink or
source up to +/- 20 mA (with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
•
The sum of the currents sourced by all the I/Os on VDDIOx, plus the maximum
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
ΣIVDD (see Table 21: Voltage characteristics).
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of
the MCU sunk on VSS, cannot exceed the absolute maximum rating ΣIVSS (see
Table 21: Voltage characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 24: General operating conditions. All I/Os are CMOS- and TTL-compliant (FT, TTa or
TC unless otherwise specified).
Table 54. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low level voltage for an I/O pin
CMOS port(2)
|IIO| = 8 mA
VDDIOx
≥ 2.7 V
-0.4
V
VOH
Output high level voltage for an I/O pin
VDDIOx–0.4
-
VOL
Output low level voltage for an I/O pin
TTL port(2)
|IIO| = 8 mA
VDDIOx
≥ 2.7 V
-0.4
V
VOH
Output high level voltage for an I/O pin
2.4
-
VOL(3)
Output low level voltage for an I/O pin
|IIO| = 20 mA
VDDIOx
≥ 2.7 V
-1.3
V
VOH(3)
Output high level voltage for an I/O pin
VDDIOx–1.3
-
VOL(3)
Output low level voltage for an I/O pin
|IIO| = 6 mA
VDDIOx
≥ 2 V
-0.4
V
VOH(3)
Output high level voltage for an I/O pin
VDDIOx–0.4
-
VOL(4)
Output low level voltage for an I/O pin
|IIO| = 4 mA
-0.4
V
VOH(4)
Output high level voltage for an I/O pin
VDDIOx–0.4
-
V
VOLFm+(3)
Output low level voltage for an FTf I/O pin in
Fm+ mode
|IIO| = 20 mA
VDDIOx
≥ 2.7 V
-0.4
V
|IIO| = 10 mA
-
0.4
V
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 21:
Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings
ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Data based on characterization results. Not tested in production.
4. Data based on characterization results. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com