Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 144Page - STMicroelectronics STM32F446XC Datasheet HTML 145Page - STMicroelectronics STM32F446XC Datasheet HTML 146Page - STMicroelectronics STM32F446XC Datasheet HTML 147Page - STMicroelectronics STM32F446XC Datasheet HTML 148Page - STMicroelectronics STM32F446XC Datasheet HTML 149Page - STMicroelectronics STM32F446XC Datasheet HTML 150Page - STMicroelectronics STM32F446XC Datasheet HTML 151Page - STMicroelectronics STM32F446XC Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 202 page
background image
Electrical characteristics
STM32F446xC/E
148/202
DocID027107 Rev 6
6.3.23
VBAT monitoring characteristics
6.3.24
Reference voltage
The parameters given in Table 83 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 16.
6.3.25
DAC electrical characteristics
Table 82. VBAT monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-50-
K
Ω
Q
Ratio on VBAT measurement
-
4
-
-
Er(1)
Error on Q
- 1
-
+ 1
%
TS_vbat(2)(2)
ADC sampling time when reading the VBAT
1 mV accuracy
5-
-
µs
1. Guaranteed by design.
2. Shortest sampling time can be determined in the application by multiple iterations.
Table 83. internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
–40 °C < TA < +105 °C
1.18
1.21
1.24
V
TS_vrefint(1)
ADC sampling time when reading the
internal reference voltage
-10
-
-
µs
VRERINT_s(2)
Internal reference voltage spread over the
temperature range
VDD = 3V ± 10mV
-
3
5
mV
TCoeff(2)
Temperature coefficient
-
-
30
50
ppm/°C
tSTART(2)
Startup time
-
-
6
10
µs
1. Shortest sampling time can be determined in the application by multiple iterations.
2. Guaranteed by design.
Table 84. Internal reference voltage calibration values
Symbol
Parameter
Memory address
VREFIN_CAL Raw data acquired at temperature of 30 °C VDDA = 3.3 V
0x1FFF 7A2A - 0x1FFF 7A2B
Table 85. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Comments
VDDA
Analog supply
voltage
-1.7(1)
-3.6
V
-
VREF+
Reference supply
voltage
-1.7(1)
-3.6
V
VREF+ ≤VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com