Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446XC Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 145Page - STMicroelectronics STM32F446XC Datasheet HTML 146Page - STMicroelectronics STM32F446XC Datasheet HTML 147Page - STMicroelectronics STM32F446XC Datasheet HTML 148Page - STMicroelectronics STM32F446XC Datasheet HTML 149Page - STMicroelectronics STM32F446XC Datasheet HTML 150Page - STMicroelectronics STM32F446XC Datasheet HTML 151Page - STMicroelectronics STM32F446XC Datasheet HTML 152Page - STMicroelectronics STM32F446XC Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 202 page
background image
DocID027107 Rev 6
149/202
STM32F446xC/E
Electrical characteristics
175
VSSA
Ground
-
0
-
0
V
-
RLOAD(2) Resistive load
DAC
output
buffer ON
Connected
to VSSA
5-
-
k
Ω
-
Connected
to VDDA
25
-
-
-
RO(2)
Impedance output
with buffer OFF
--
-
15
k
Ω
When the buffer is OFF, the
Minimum resistive load
between DAC_OUT and VSS
to have a 1% accuracy is
1.5 M
Ω
CLOAD(2) Capacitive load
-
-
-
50
pF
Maximum capacitive load at
DAC_OUT pin (when the
buffer is ON).
DAC_OUT
min(2)
Lower DAC_OUT
voltage with buffer
ON
-0.2
-
-
V
It gives the maximum output
excursion of the DAC.
It corresponds to 12-bit input
code (0x0E0) to (0xF1C) at
VREF+ = 3.6 V and (0x1C7) to
(0xE38) at VREF+ = 1.7 V
DAC_OUT
max(2)
Higher DAC_OUT
voltage with buffer
ON
--
-
VDDA
– 0.2
V
DAC_OUT
min(2)
Lower DAC_OUT
voltage with buffer
OFF
--
0.5
-
mV
It gives the maximum output
excursion of the DAC.
DAC_OUT
max(2)
Higher DAC_OUT
voltage with buffer
OFF
--
-
VREF
+ –
1LSB
V
IVREF+(4)
DAC DC VREF
current
consumption in
quiescent mode
(Standby mode)
-
-
170
240
µA
With no load, worst code
(0x800) at VREF+ = 3.6 V in
terms of DC consumption on
the inputs
--
50
75
With no load, worst code
(0xF1C) at VREF+ = 3.6 V in
terms of DC consumption on
the inputs
IDDA(4)
DAC DC VDDA
current
consumption in
quiescent mode(3)
-
-
280
380
µA
With no load, middle code
(0x800) on the inputs
-
-
475
625
µA
With no load, worst code
(0xF1C) at VREF+ = 3.6 V in
terms of DC consumption on
the inputs
DNL(4)
Differential non
linearity Difference
between two
consecutive code-
1LSB)
-
-
-
±0.5
LSB
Given for the DAC in 10-bit
configuration.
--
-
±2
LSB
Given for the DAC in 12-bit
configuration.
Table 85. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com