Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RG Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F412RG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RG Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F412RG Datasheet HTML 56Page - STMicroelectronics STM32F412RG Datasheet HTML 57Page - STMicroelectronics STM32F412RG Datasheet HTML 58Page - STMicroelectronics STM32F412RG Datasheet HTML 59Page - STMicroelectronics STM32F412RG Datasheet HTML 60Page - STMicroelectronics STM32F412RG Datasheet HTML 61Page - STMicroelectronics STM32F412RG Datasheet HTML 62Page - STMicroelectronics STM32F412RG Datasheet HTML 63Page - STMicroelectronics STM32F412RG Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 193 page
background image
Pinouts and pin description
STM32F412xE/G
60/193
DocID028087 Rev 4
42 58 B5 92
B5
C6 136
PB6
I/O
FT
-
TIM4_CH1, I2C1_SCL,
USART1_TX, CAN2_TX,
QUADSPI_BK1_NCS,
SDIO_D0, EVENTOUT
-
43 59 A6 93
B4
D6 137
PB7
I/O
FT
-
TIM4_CH2, I2C1_SDA,
USART1_RX, FSMC_NL,
EVENTOUT
-
44 60 D4 94
A4
D5 138
BOOT0
I
B
-
-
VPP
45 61 C5 95
A3
C5 139
PB8
I/O
FT
-
TIM4_CH3, TIM10_CH1,
I2C1_SCL,
SPI5_MOSI/I2S5_SD,
CAN1_RX, I2C3_SDA,
SDIO_D4, EVENTOUT
-
46 62 B6 96
B3
B5 140
PB9
I/O
FT
-
TIM4_CH4, TIM11_CH1,
I2C1_SDA,
SPI2_NSS/I2S2_WS,
CAN1_TX, I2C2_SDA,
SDIO_D5, EVENTOUT
-
-
-
-
97
C3
A5 141
PE0
I/O
FT
-
TIM4_ETR, FSMC_NBL0,
EVENTOUT
-
-
-
-
98
A2
A4 142
PE1
I/O
FT
-
FSMC_NBL1, EVENTOUT
-
47 63 A7 99
-
E6
-
VSS
S
-
-
-
-
-
-
C6
-
H3
E5 143 PDR_ON
I
FT
-
-
-
48 64 A8
10
0
-
F5 144
VDD
S
-
-
-
-
1. Function availability depends on the chosen device.
2. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These I/Os must not be used as a current source (e.g. to drive an LED).
3. Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F412xE/Greference manual.
4. FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com