Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RG Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32F412RG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RG Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F412RG Datasheet HTML 78Page - STMicroelectronics STM32F412RG Datasheet HTML 79Page - STMicroelectronics STM32F412RG Datasheet HTML 80Page - STMicroelectronics STM32F412RG Datasheet HTML 81Page - STMicroelectronics STM32F412RG Datasheet HTML 82Page - STMicroelectronics STM32F412RG Datasheet HTML 83Page - STMicroelectronics STM32F412RG Datasheet HTML 84Page - STMicroelectronics STM32F412RG Datasheet HTML 85Page - STMicroelectronics STM32F412RG Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 193 page
background image
Electrical characteristics
STM32F412xE/G
82/193
DocID028087 Rev 4
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in input mode with a static value at VDD or VSS (no load).
•
All peripherals are disabled except if it is explicitly mentioned.
•
The Flash memory access time is adjusted to both fHCLK frequency and VDD ranges
(refer to Table 16: Features depending on the operating power supply range).
•
The voltage scaling is adjusted to fHCLK frequency as follows:
–
Scale 3 for fHCLK ≤ 64 MHz
–
Scale 2 for 64 MHz < fHCLK ≤ 84 MHz
–
Scale 1 for 84 MHz < fHCLK ≤ 100 MHz
•
The system clock is HCLK, fPCLK1 = fHCLK/2, and fPCLK2 = fHCLK.
•
External clock is 4 MHz and PLL is ON except if it is explicitly mentioned.
•
The maximum values are obtained for VDD = 3.6 V and a maximum ambient
temperature (TA), and the typical values for TA= 25 °C and VDD = 3.3 V unless
otherwise specified.
Table 21. Typical and maximum current consumption, code with data processing (ART
accelerator disabled) running from SRAM - VDD = 1.7 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA= 25 °C TA= 25 °C TA=85 °C TA=105 °C
IDD
Supply current
in Run mode
External clock,
PLL ON,
all peripherals
enabled(2)(3)
100
28.1
30.24
31.27
32.21
mA
84
22.7
24.05
24.54
25.11
64
15.7
16.99
17.47
18.03
50
12.3
13.36
13.82
14.36
25
6.5
7.44
7.82
8.30
20
5.6
6.16
6.66
7.20
HSI, PLL off, all
peripherals
enabled(2)(3)
16
3.9
4.70
5.31
6.08
1
0.6
0.78
1.33
1.98
External clock,
PLL ON, all
peripherals
disabled(3)
100
14.0
15.48
16.08
16.83
84
11.3
12.23
12.75
13.41
64
7.9
8.84
9.31
10.01
50
6.2
7.06
7.53
8.19
25
3.4
4.18
4.61
5.13
20
2.9
3.44
3.98
4.65
HSI, PLL off, all
peripherals
disabled(3)
16
2.0
2.51
3.13
3.89
1
0.5
0.64
1.21
1.90
1. Based on characterization, not tested in production unless otherwise specified
2. When analog peripheral blocks such as ADC, HSE, LSE, HSI, or LSI are ON, an additional power consumption has to be
considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the
analog part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com