Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RG Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F412RG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RG Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F412RG Datasheet HTML 96Page - STMicroelectronics STM32F412RG Datasheet HTML 97Page - STMicroelectronics STM32F412RG Datasheet HTML 98Page - STMicroelectronics STM32F412RG Datasheet HTML 99Page - STMicroelectronics STM32F412RG Datasheet HTML 100Page - STMicroelectronics STM32F412RG Datasheet HTML 101Page - STMicroelectronics STM32F412RG Datasheet HTML 102Page - STMicroelectronics STM32F412RG Datasheet HTML 103Page - STMicroelectronics STM32F412RG Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 193 page
background image
Electrical characteristics
STM32F412xE/G
100/193
DocID028087 Rev 4
Figure 26. Low-power mode wakeup
All timings are derived from tests performed under ambient temperature and VDD=3.3 V.
Table 37. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
tWUSLEEP
Wakeup from Sleep mode
--
4
6
clk
cycles
tWUSLEEPFDSM
Flash memory in Deep
power down mode
-
-
50.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com