Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RG Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F412RG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RG Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F412RG Datasheet HTML 80Page - STMicroelectronics STM32F412RG Datasheet HTML 81Page - STMicroelectronics STM32F412RG Datasheet HTML 82Page - STMicroelectronics STM32F412RG Datasheet HTML 83Page - STMicroelectronics STM32F412RG Datasheet HTML 84Page - STMicroelectronics STM32F412RG Datasheet HTML 85Page - STMicroelectronics STM32F412RG Datasheet HTML 86Page - STMicroelectronics STM32F412RG Datasheet HTML 87Page - STMicroelectronics STM32F412RG Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 193 page
background image
Electrical characteristics
STM32F412xE/G
84/193
DocID028087 Rev 4
Table 23. Typical and maximum current consumption in run mode, code with data processing
(ART accelerator enabled except prefetch) running from Flash memory- VDD = 1.7 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply current
in Run mode
External clock,
PLL ON,
all peripherals enabled(2)(3)
100
26.9
28.78
29.86
31.30
mA
84
21.6
23.14
23.93
24.89
64
15.0
16.08
16.70
17.46
50
11.8
12.74
13.33
14.07
25
6.3
7.13
7.69
8.30
20
5.5
6.09
6.64
7.30
HSI, PLL OFF,
all peripherals enabled(2)
16
3.9
4.20
4.78
4.49
1
0.9
0.98
1.50
2.20
External clock,
PLL ON(4)
all peripherals disabled(2)
100
12.7
13.82
14.71
15.76
84
10.3
11.20
11.97
12.96
64
7.2
7.87
8.57
9.41
50
5.7
6.33
7.02
7.87
25
3.2
3.77
4.38
5.13
20
2.9
3.31
3.93
4.69
HSI, PLL OFF, all
peripherals disabled(2)
16
2.1
2.25
2.83
3.56
1
0.7
0.83
1.42
2.12
1. Based on characterization, not tested in production unless otherwise specified.
2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).
3. When the ADC is ON (ADON bit set in the ADC_CR2), add an additional power consumption of 1.6mA per ADC for the
analog part.
4. Refer to Table 44 and RM0383 for the possible PLL VCO setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com