Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446ME Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F446ME
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446ME Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F446ME Datasheet HTML 73Page - STMicroelectronics STM32F446ME Datasheet HTML 74Page - STMicroelectronics STM32F446ME Datasheet HTML 75Page - STMicroelectronics STM32F446ME Datasheet HTML 76Page - STMicroelectronics STM32F446ME Datasheet HTML 77Page - STMicroelectronics STM32F446ME Datasheet HTML 78Page - STMicroelectronics STM32F446ME Datasheet HTML 79Page - STMicroelectronics STM32F446ME Datasheet HTML 80Page - STMicroelectronics STM32F446ME Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 202 page
background image
DocID027107 Rev 6
77/202
STM32F446xC/E
Electrical characteristics
175
VDD
Standard operating voltage
-
1.7(2)
-3.6
V
VDDA(3)(4)
Analog operating voltage
(ADC limited to 1.2 M samples)
Must be the same potential as VDD(5)
1.7(2)
-2.4
Analog operating voltage
(ADC limited to 2.4 M samples)
2.4
-
3.6
VBAT
Backup operating voltage
-
1.65
-
3.6
VDDUSB
USB supply voltage (supply
voltage for PA11,PA12, PB14
and PB15 pins)
USB not used
1.7
-
3.6
USB used
3
-
3.6
V12
Regulator ON: 1.2 V internal
voltage on VCAP_1/VCAP_2 pins
Power Scale 3 ((VOS[1:0] bits in
PWR_CR register = 0x01), 120 MHz
HCLK max frequency
1.08 1.14
1.20
Power Scale 2 ((VOS[1:0] bits in
PWR_CR register = 0x10), 144 MHz
HCLK max frequency with over-drive
OFF or 168 MHz with over-drive ON
1.20 1.26
1.32
Power Scale 1 ((VOS[1:0] bits in
PWR_CR register = 0x11), 168 MHz
HCLK max frequency with over-drive
OFF or 180 MHz with over-drive ON
1.26 1.32
1.40
Regulator OFF: 1.2 V external
voltage must be supplied from
external regulator on
VCAP_1/VCAP_2 pins(6)
Max frequency 120 MHz
1.10 1.14
1.20
Max frequency 144 MHz
1.20 1.26
1.32
Max frequency 168 MHz
1.26 1.32
1.38
VIN
Input voltage on RST, FTf and
FT pins(7)
2 V
≤VDD ≤3.6 V
–0.3
-
5.5
V
1.7 V
≤ VDD ≤ 2 V
–0.3
-
5.2
Input voltage on TTa pins
-
–0.3
-
VDDA+0.3
Input voltage on BOOT0 pin
-
0
-
9
PD
Power dissipation at TA = 85 °C
for suffix 6 or TA = 105 °C for
suffix 7(8)
LQFP64
-
-
345
mW
WLCSP81
-
-
417
LQFP100
-
-
476
LQFP 144
-
-
606
UFBGA144 (7x7)
-
-
392
UFBGA144(10x10)
-
-
417
TA
Ambient temperature for 6 suffix
version
Maximum power dissipation
–40
-
85
°C
Low power dissipation(9)
–40
-
105
Ambient temperature for 7 suffix
version
Maximum power dissipation
–40
-
105
°C
Low power dissipation(9)
–40
-
125
TJ
Junction temperature range
6 suffix version
–40
-
105
°C
7 suffix version
–40
-
125
Table 16. General operating conditions (continued)
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com