Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446ME Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32F446ME
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446ME Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32F446ME Datasheet HTML 95Page - STMicroelectronics STM32F446ME Datasheet HTML 96Page - STMicroelectronics STM32F446ME Datasheet HTML 97Page - STMicroelectronics STM32F446ME Datasheet HTML 98Page - STMicroelectronics STM32F446ME Datasheet HTML 99Page - STMicroelectronics STM32F446ME Datasheet HTML 100Page - STMicroelectronics STM32F446ME Datasheet HTML 101Page - STMicroelectronics STM32F446ME Datasheet HTML 102Page - STMicroelectronics STM32F446ME Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 202 page
background image
DocID027107 Rev 6
99/202
STM32F446xC/E
Electrical characteristics
175
Table 35. Peripheral current consumption
Peripheral
IDD(Typ Appli)
Unit
Scale 1 +
OverDrive
Scale 2
Scale 3
AHB1
GPIOA
2.29
2.14
1.89
µA/MHz
GPIOB
2.29
2.13
1.89
GPIOC
2.33
2.17
1.93
GPIOD
2.34
2.19
1.94
GPIOE
2.39
2.19
1.93
GPIOF
2.31
2.14
1.91
GPIOG
2.36
2.19
1.94
GPIOH
2.13
1.98
1.75
CRC
0.53
0.51
0.46
BKPSRAM
0.76
0.72
0.65
DMA1(1)
2.39N + 4.13
2.23N+3.56
1.97N+3.51
DMA2(1)
2.39N + 4.45
2.19N+3.72
2.00N+3.66
OTG_HS+ULPI
45.45
42.08
37.28
AHB2
DCMI
3.74
3.42
3.01
µA/MHz
OTGFS
30.04
27.88
24.69
AHB3
FMC
16.15
15.01
13.33
µA/MHz
QSPI
16.78
15.60
13.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com