Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446ME Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F446ME
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446ME Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F446ME Datasheet HTML 9Page - STMicroelectronics STM32F446ME Datasheet HTML 10Page - STMicroelectronics STM32F446ME Datasheet HTML 11Page - STMicroelectronics STM32F446ME Datasheet HTML 12Page - STMicroelectronics STM32F446ME Datasheet HTML 13Page - STMicroelectronics STM32F446ME Datasheet HTML 14Page - STMicroelectronics STM32F446ME Datasheet HTML 15Page - STMicroelectronics STM32F446ME Datasheet HTML 16Page - STMicroelectronics STM32F446ME Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 202 page
background image
DocID027107 Rev 6
13/202
STM32F446xC/E
Description
40
These features make the STM32F446xC/E microcontrollers suitable for a wide range of
applications:
Motor drive and application control
Medical equipment
Industrial applications: PLC, inverters, circuit breakers
Printers, and scanners
Alarm systems, video intercom, and HVAC
Home audio appliances
Table 2. STM32F446xC/E features and peripheral counts
Peripherals
STM32F44
6MC
STM32F44
6ME
STM32F44
6RC
STM32F44
6RE
STM32F44
6VC
STM32F44
6VE
STM32F44
6ZC
STM32F44
6ZE
Flash memory in Kbytes
256
512
256
512
256
512
256
512
SRAM in
Kbytes
System
128 (112+16)
Backup
4
FMC memory controller
No
Yes(1)
Timers
General-
purpose
10
Advanced-
control
2
Basic
2
Communication
interfaces
SPI / I2S
4/3 (simplex)(2)
I2C
4/1 FMP +
USART/UART
4/2
USB OTG FS
Yes (6-Endpoints)
USB OTG HS
Yes (8-Endpoints)
CAN
2
SAI
2
SDIO
Yes
SPDIF-Rx
1
HDMI-CEC
1
Quad SPI(3)
1
Camera interface
Yes
GPIOs
635081
114
12-bit ADC
Number of channels
3
14
16
16
24
12-bit DAC
Number of channels
Yes
2
Maximum CPU frequency
180 MHz
Operating voltage
1.8 to 3.6 V(4)
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
Packages
WLCSP81
LQFP64
LQFP100
LQFP144
UFBGA144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com