Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446ME Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F446ME
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446ME Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F446ME Datasheet HTML 90Page - STMicroelectronics STM32F446ME Datasheet HTML 91Page - STMicroelectronics STM32F446ME Datasheet HTML 92Page - STMicroelectronics STM32F446ME Datasheet HTML 93Page - STMicroelectronics STM32F446ME Datasheet HTML 94Page - STMicroelectronics STM32F446ME Datasheet HTML 95Page - STMicroelectronics STM32F446ME Datasheet HTML 96Page - STMicroelectronics STM32F446ME Datasheet HTML 97Page - STMicroelectronics STM32F446ME Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 202 page
background image
Electrical characteristics
STM32F446xC/E
94/202
DocID027107 Rev 6
Table 31. Typical current consumption in Run mode, code with data processing running
from Flash memory, regulator OFF (ART accelerator enabled except prefetch)(1)
Symbol
Parameter
Conditions
fHCLK
(MHz)
VDD=3.3 V
VDD=1.7 V
Unit
IDD12
IDD
IDD12
IDD
IDD12 / IDD
Supply current in
Run mode from
V12 and VDD
supply
All Peripherals
enabled
168
61.72
1.6
60.15
1.5
mA
150
51.69
1.5
55.46
1.4
144
51.45
1.5
50.94
1.3
120
38.94
1.3
40.66
1.2
90
29.48
1.1
28.18
1.0
60
19.23
1.0
20.05
0.8
30
10.41
0.9
11.26
0.7
25
8.83
0.8
9.56
0.6
All Peripherals
disabled
168
31.44
1.6
30.06
1.5
150
28.67
1.5
27.38
1.4
144
25.51
1.5
23.37
1.3
120
19.06
1.3
21.73
1.2
90
14.83
1.2
14.74
1.0
60
10.16
1.0
10.30
0.8
30
5.41
0.9
5.64
0.7
25
4.599
0.8
4.80
0.6
1. When peripherals are enabled, the power consumption corresponding to the analog part of the peripherals (such as ADC,
or DAC) is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com