Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446ME Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F446ME
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446ME Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F446ME Datasheet HTML 91Page - STMicroelectronics STM32F446ME Datasheet HTML 92Page - STMicroelectronics STM32F446ME Datasheet HTML 93Page - STMicroelectronics STM32F446ME Datasheet HTML 94Page - STMicroelectronics STM32F446ME Datasheet HTML 95Page - STMicroelectronics STM32F446ME Datasheet HTML 96Page - STMicroelectronics STM32F446ME Datasheet HTML 97Page - STMicroelectronics STM32F446ME Datasheet HTML 98Page - STMicroelectronics STM32F446ME Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 202 page
background image
DocID027107 Rev 6
95/202
STM32F446xC/E
Electrical characteristics
175
Table 32. Typical current consumption in Sleep mode, regulator ON, VDD=1.7 V(1)
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Max
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply current in
Sleep mode from
VDD supply
All Peripherals
enabled Flash
on
168
43.7
47.5
66.5
79.3
mA
150
39.2
42.7
60.7
73.3
144
35.7
38.8
55.3
66.9
120
26.5
28.6
41.8
51.6
90
20.0
21.91
33.85
43.20
60
13.6
15.2
25.8
34.9
30
7.4
8.5
18.4
27.0
25
6.3
7.5
16.9
25.5
All Peripherals
disabled, flash
on
168
7.3
8.6
21.2
31.9
150
6.6
7.94
20.4
31.0
144
6.0
7.3
18.6
28.5
120
4.6
5.5
14.9
23.4
90
3.6
4.6
13.6
22.1
60
2.6
3.4
12.5
20.8
30
1.8
2.7
11.3
19.7
25
1.6
2.49
11.09
19.42
1. When peripherals are enabled, the power consumption corresponding to the analog part of the peripherals (such as ADC,
or DAC) is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com