Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446ME Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32F446ME
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446ME Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32F446ME Datasheet HTML 128Page - STMicroelectronics STM32F446ME Datasheet HTML 129Page - STMicroelectronics STM32F446ME Datasheet HTML 130Page - STMicroelectronics STM32F446ME Datasheet HTML 131Page - STMicroelectronics STM32F446ME Datasheet HTML 132Page - STMicroelectronics STM32F446ME Datasheet HTML 133Page - STMicroelectronics STM32F446ME Datasheet HTML 134Page - STMicroelectronics STM32F446ME Datasheet HTML 135Page - STMicroelectronics STM32F446ME Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 202 page
background image
Electrical characteristics
STM32F446xC/E
132/202
DocID027107 Rev 6
QSPI interface characteristics
Unless otherwise specified, the parameters given in Table 64 for QSPI are derived from
tests performed under the ambient temperature, fAHB frequency and VDD supply voltage
conditions summarized in Table 16, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C=20pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 64. QSPI dynamic characteristics in SDR Mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
QSPI clock frequency
Write mode
1.71 V≤VDD≤3.6 V
Cload = 15 pF
--
90
MHz
Read mode
2.7V <VDD< 3.6V
Cload = 15 pF
--
90
1.71 V≤VDD≤3.6 V
-
-
48
tw(CKH)
QSPI clock high and low
-
(T(CK) / 2) - 2
-
T(CK) / 2
ns
tw(CKL)
T(CK) / 2
-
(T(CK) / 2) +2
ts(IN)
Data input setup time
-
2
-
-
th(IN)
Data input hold time
-
4.5
-
-
tv(OUT)
Data output valid time
-
-
1.5
3
th(OUT)
Data output hold time
-
0
-
-
1. Guaranteed based on test during characterization.
Table 65. QSPI dynamic characteristics in DDR Mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
QSPI clock frequency
Write mode
1.71 V≤VDD≤3.6 V
Cload = 15 pF
--
60
MHz
Read mode
2.7V <VDD< 3.6V
Cload = 15 pF
--
60
1.71 V≤VDD≤3.6 V
--
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com