Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446ME Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32F446ME
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446ME Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32F446ME Datasheet HTML 155Page - STMicroelectronics STM32F446ME Datasheet HTML 156Page - STMicroelectronics STM32F446ME Datasheet HTML 157Page - STMicroelectronics STM32F446ME Datasheet HTML 158Page - STMicroelectronics STM32F446ME Datasheet HTML 159Page - STMicroelectronics STM32F446ME Datasheet HTML 160Page - STMicroelectronics STM32F446ME Datasheet HTML 161Page - STMicroelectronics STM32F446ME Datasheet HTML 162Page - STMicroelectronics STM32F446ME Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 202 page
background image
DocID027107 Rev 6
159/202
STM32F446xC/E
Electrical characteristics
175
Synchronous waveforms and timings
Figure 54 through Figure 57 represent synchronous waveforms and Table 94 through
Table 97 provide the corresponding timings. The results shown in these tables are obtained
with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable;
•
MemoryType = FMC_MemoryType_CRAM;
•
WriteBurst = FMC_WriteBurst_Enable;
•
CLKDivision = 1; (0 is not supported, see the STM32F446 reference manual: RM0390)
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
Table 92. Asynchronous multiplexed PSRAM/NOR write timings(1)(2)
1. CL = 30 pF.
2. Guaranteed based on test during characterization.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4THCLK - 2
4THCLK+0.5
ns
tv(NWE_NE)
FMC_NEx low to FMC_NWE low
THCLK
THCLK + 0.5
tw(NWE)
FMC_NWE low time
2THCLK
2THCLK + 0.5
th(NE_NWE)
FMC_NWE high to FMC_NE high hold time
THCLK
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
0.5
1
tw(NADV)
FMC_NADV low time
THCLK – 0.5 THCLK+ 0.5
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high)
THCLK – 2
-
th(A_NWE)
Address hold time after FMC_NWE high
THCLK
-
th(BL_NWE)
FMC_BL hold time after FMC_NWE high
THCLK–2
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
2
tv(Data_NADV)
FMC_NADV high to Data valid
-
THCLK + 1.5
th(Data_NWE)
Data hold time after FMC_NWE high
THCLK + 0.5
-
Table 93. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)(2)
1. CL = 30 pF.
2. Guaranteed based on test during characterization.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9THCLK
9THCLK + 0.5
ns
tw(NWE)
FMC_NWE low time
7THCLK
7THCLK + 2
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
6THCLK + 1.5
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT
invalid
4THCLK – 1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com