Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446ME Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32F446ME
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446ME Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32F446ME Datasheet HTML 162Page - STMicroelectronics STM32F446ME Datasheet HTML 163Page - STMicroelectronics STM32F446ME Datasheet HTML 164Page - STMicroelectronics STM32F446ME Datasheet HTML 165Page - STMicroelectronics STM32F446ME Datasheet HTML 166Page - STMicroelectronics STM32F446ME Datasheet HTML 167Page - STMicroelectronics STM32F446ME Datasheet HTML 168Page - STMicroelectronics STM32F446ME Datasheet HTML 169Page - STMicroelectronics STM32F446ME Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 202 page
background image
Electrical characteristics
STM32F446xC/E
166/202
DocID027107 Rev 6
NAND controller waveforms and timings
Figure 58 through Figure 61 represent synchronous waveforms, and Table 98 and Table 99
provide the corresponding timings. The results shown in this table are obtained with the
following FMC configuration:
•
COM.FSMC_SetupTime = 0x01;
•
COM.FMC_WaitSetupTime = 0x03;
•
COM.FMC_HoldSetupTime = 0x02;
•
COM.FMC_HiZSetupTime = 0x01;
•
ATT.FMC_SetupTime = 0x01;
•
ATT.FMC_WaitSetupTime = 0x03;
•
ATT.FMC_HoldSetupTime = 0x02;
•
ATT.FMC_HiZSetupTime = 0x01;
•
Bank = FMC_Bank_NAND;
•
MemoryDataWidth = FMC_MemoryDataWidth_16b;
•
ECC = FMC_ECC_Enable;
•
ECCPageSize = FMC_ECCPageSize_512Bytes;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0.
In all timing tables, the THCLK is the HCLK clock period.
Table 97. Synchronous non-multiplexed PSRAM write timings(1)(2)
1. CL = 30 pF.
2. Guaranteed based on test during characterization.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
2THCLK – 1
-
ns
td(CLKL-NExL) FMC_CLK low to FMC_NEx low (x=0..2)
-
2.5
td(CLKH-NExH) FMC_CLK high to FMC_NEx high (x= 0…2)
THCLK – 0.5
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
2
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
0
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
2
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
0
-
td(CLKL-NWEL) FMC_CLK low to FMC_NWE low
-
3
td(CLKH-NWEH) FMC_CLK high to FMC_NWE high
THCLK + 1
-
td(CLKL-Data)
FMC_D[15:0] valid data after FMC_CLK low
-
2.5
td(CLKL-NBLL) FMC_CLK low to FMC_NBL low
3
-
td(CLKH-NBLH) FMC_CLK high to FMC_NBL high
THCLK + 1.5
-
tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
1.5
-
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com