Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 87Page - STMicroelectronics STM32F479AI Datasheet HTML 88Page - STMicroelectronics STM32F479AI Datasheet HTML 89Page - STMicroelectronics STM32F479AI Datasheet HTML 90Page - STMicroelectronics STM32F479AI Datasheet HTML 91Page - STMicroelectronics STM32F479AI Datasheet HTML 92Page - STMicroelectronics STM32F479AI Datasheet HTML 93Page - STMicroelectronics STM32F479AI Datasheet HTML 94Page - STMicroelectronics STM32F479AI Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 217 page
background image
DocID028010 Rev 3
91/217
STM32F479xx
Electrical characteristics
190
Table 15. Current characteristics
Symbol
Ratings
Max.
Unit
ΣIVDD
Total current into sum of all VDD_x power lines (source)(1)
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
290
mA
Σ IVSS
Total current out of sum of all VSS_x ground lines (sink)(1)
− 290
Σ IVDDUSB
Total current into VDDUSB power line (source)
25
IVDD
Maximum current into each VDD_x power line (source)(1)
100
IVSS
Maximum current out of each VSS_x ground line (sink)(1)
− 100
IIO
Output current sunk by any I/O and control pin
25
Output current sourced by any I/Os and control pin
− 25
ΣIIO
Total output current sunk by sum of all I/O and control pins (2)
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output
current must not be sunk/sourced between two consecutive power supply pins referring to high pin count
LQFP packages.
120
Total output current sunk by sum of all USB I/Os
25
Total output current sourced by sum of all I/Os and control pins(2)
− 120
IINJ(PIN) (3)
3. Negative injection disturbs the analog performance of the device. See note in Section 5.3.24.
Injected current on FT pins (4)
4. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the
specified maximum value.
− 5/+0
Injected current on NRST and BOOT0 pins (4)
Injected current on TTa pins(5)
5. A positive injection is induced by VIN>VDDA while a negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer to Table 14 for the values of the maximum allowed input voltage.
±5
ΣIINJ(PIN)(5) Total injected current (sum of all I/O and control pins)(6)
6. When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values).
±25
Table 16. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
− 65 to +150
°C
TJ
Maximum junction temperature
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com