Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 25Page - STMicroelectronics STM32F479AI Datasheet HTML 26Page - STMicroelectronics STM32F479AI Datasheet HTML 27Page - STMicroelectronics STM32F479AI Datasheet HTML 28Page - STMicroelectronics STM32F479AI Datasheet HTML 29Page - STMicroelectronics STM32F479AI Datasheet HTML 30Page - STMicroelectronics STM32F479AI Datasheet HTML 31Page - STMicroelectronics STM32F479AI Datasheet HTML 32Page - STMicroelectronics STM32F479AI Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 217 page
background image
DocID028010 Rev 3
29/217
STM32F479xx
Functional overview
46
The following conditions must be respected:
During power-on phase (VDD < VDD_MIN), VDDUSB should be always lower than
VDD
During power-down phase (VDD < VDD_MIN), VDDUSB should be always lower than
VDD
–VDDUSB rising and falling time rate specifications must be respected.
In operating mode phase, VDDUSB could be lower or higher than VDD:
– If USB (USB OTG_HS/OTG_FS) is used, the associated GPIOs powered by
VDDUSB are operating between VDDUSB_MIN and VDDUSB_MAX.The VDDUSB
supplies both USB transceivers (USB OTG_HS and USB OTG_FS).
– If only one USB transceiver is used in the application, the GPIOs associated to
the other USB transceiver are still supplied by VDDUSB.
– If USB (USB OTG_HS/OTG_FS) is not used, the associated GPIOs powered
by VDDUSB are operating between VDD_MIN and VDD_MAX.
Figure 7. VDDUSB connected to an external independent power supply
The DSI (Display Serial Interface) sub-system uses several power supply pins which are
independent from the other supply pins:
VDDDSI is an independent DSI power supply dedicated for DSI Regulator and MIPI D-
PHY. This supply must be connected to global VDD.
VCAPDSI pin is the output of DSI Regulator (1.2V) which must be connected externally
to VDD12DSI.
VDD12DSI pin is used to supply the MIPI D-PHY, and to supply clock and data lanes
pins. An external capacitor of 2.2 uF must be connected on VDD12DSI pin.
VSSDSI pin is an isolated supply ground used for DSI sub-system.
If DSI functionality is not used at all, then:
VDDDSI pin must be connected to global VDD.
VCAPDSI pin must be connected externally to VDD12DSI but the external
capacitor is no more needed.
VSSDSI pin must be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com