Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 10Page - STMicroelectronics STM32F479AI Datasheet HTML 11Page - STMicroelectronics STM32F479AI Datasheet HTML 12Page - STMicroelectronics STM32F479AI Datasheet HTML 13Page - STMicroelectronics STM32F479AI Datasheet HTML 14Page - STMicroelectronics STM32F479AI Datasheet HTML 15Page - STMicroelectronics STM32F479AI Datasheet HTML 16Page - STMicroelectronics STM32F479AI Datasheet HTML 17Page - STMicroelectronics STM32F479AI Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 217 page
background image
Description
STM32F479xx
14/217
DocID028010 Rev 3
Chrom-ART Accelerator™
(DMA2D)
Yes
Cryptography
Yes
GPIOs
71
131
114
131
161
161
12-bit ADC
Number of channels
3
14
20
24
12-bit DAC
Number of channels
Yes
2
Maximum CPU frequency
180 MHz
Operating voltage
1.7 to 3.6V(2)
Operating temperatures
Ambient operating temperature: −40 to 85 °C / −40 to 105 °C
Junction temperature: −40 to 105 °C / −40 to 125 °C
Package
LQFP100
LQFP144
UFBGA169
WLCSP168
LQFP176
UFBGA176
LQFP208
TFBGA216
1. The SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio mode.
2. VDD/VDDA minimum value of 1.7 V is obtained when the internal reset is OFF (refer to Section 2.19.2).
Table 2. STM32F479xx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com