Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 96Page - STMicroelectronics STM32F479AI Datasheet HTML 97Page - STMicroelectronics STM32F479AI Datasheet HTML 98Page - STMicroelectronics STM32F479AI Datasheet HTML 99Page - STMicroelectronics STM32F479AI Datasheet HTML 100Page - STMicroelectronics STM32F479AI Datasheet HTML 101Page - STMicroelectronics STM32F479AI Datasheet HTML 102Page - STMicroelectronics STM32F479AI Datasheet HTML 103Page - STMicroelectronics STM32F479AI Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 217 page
background image
Electrical characteristics
STM32F479xx
100/217
DocID028010 Rev 3
Table 25. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator disabled), regulator ON
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply current in
RUN mode
All Peripherals
enabled(2)(3)
168
97
102
128
154
mA
150
87
92
118
143
144
80
84
108
131
120
65
68
88
108
90
51
54
73
93
60
37
41
59
79
30
21
23
42
62
25
18
20
39
59
All Peripherals
disabled
168
49
55
79
105
150
44
49
44
100
144
40
45
68
92
120
36
39
58
78
90
29
32
51
71
60
22
25
44
64
30
13
15
34
54
25
11
13
32
52
1. Guaranteed based on test during characterization.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC
for the analog part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com