Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F479AI Datasheet HTML 1Page - STMicroelectronics STM32F479AI Datasheet HTML 2Page - STMicroelectronics STM32F479AI Datasheet HTML 3Page - STMicroelectronics STM32F479AI Datasheet HTML 4Page - STMicroelectronics STM32F479AI Datasheet HTML 5Page - STMicroelectronics STM32F479AI Datasheet HTML 6Page - STMicroelectronics STM32F479AI Datasheet HTML 7Page - STMicroelectronics STM32F479AI Datasheet HTML 8Page - STMicroelectronics STM32F479AI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 217 page
background image
This is information on a product in full production.
March 2016
DocID028010 Rev 3
1/217
STM32F479xx
ARM®Cortex®-M4 32b MCU+FPU, 225DMIPS, up to 2MB Flash/384+4KB RAM, USB OTG HS/FS,
Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait state execution
from Flash memory, frequency up to 180 MHz,
MPU, 225 DMIPS/1.25 DMIPS/MHz
(Dhrystone 2.1), and DSP instructions
• Memories
– Up to 2 MB of Flash memory organized into two
banks allowing read-while-write
– Up to 384+4 KB of SRAM including 64-KB of
CCM (core coupled memory) data RAM
– Flexible external memory controller with up to
32-bit data bus: SRAM, PSRAM,
SDRAM/LPSDR, SDRAM, Flash NOR/NAND
memories
– Dual-flash mode Quad-SPI interface
• Graphics:
– Chrom-ART Accelerator™ (DMA2D), graphical
hardware accelerator enabling enhanced
graphical user interface with minimum CPU load
– LCD parallel interface, 8080/6800 modes
– LCD TFT controller supporting up to XGA
resolution
–MIPI® DSI host controller supporting up to 720p
30Hz resolution
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC (1%
accuracy)
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
•
Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC, 20×32 bit backup registers
+ optional 4 KB backup SRAM
• 3×12-bit, 2.4 MSPS ADC: up to 24 channels
and 7.2 MSPS in triple interleaved mode
• 2×12-bit D/A converters
• General-purpose DMA: 16-stream DMA
controller with FIFOs and burst support
• Up to 17 timers: up to twelve 16-bit and two 32-
bit timers up to 180 MHz, each with up to 4
IC/OC/PWM or pulse counter and quadrature
(incremental) encoder input. 2x watchdogs and
SysTick timer
• Debug mode
– SWD & JTAG interfaces
–Cortex®-M4 Trace Macrocell™
• Up to 161 I/O ports with interrupt capability
– Up to 157 fast I/Os up to 90 MHz
– Up to 159 5 V-tolerant I/Os
• Up to 21 communication interfaces
– Up to 3 × I2C interfaces (SMBus/PMBus)
– Up to 4 USARTs and 4 UARTs (11.25 Mbit/s,
ISO7816 interface, LIN, IrDA, modem control)
– Up to 6 SPIs (45 Mbits/s), 2 with muxed full-
duplex I2S for audio class accuracy via internal
audio PLL or external clock
– 1 x SAI (serial audio interface)
– 2 × CAN (2.0B Active)
– SDIO interface
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG controller
with on-chip PHY
– USB 2.0 high-speed/full-speed device/host/OTG
controller with dedicated DMA, on-chip full-
speed PHY and ULPI
– Dedicated USB power rail enabling on-chip
PHYs operation throughout the entire MCU
power supply range
– 10/100 Ethernet MAC with dedicated DMA:
supports IEEE 1588v2 hardware, MII/RMII
• 8- to 14-bit parallel camera interface up to
54 Mbytes/s
• Cryptographic accelerator
– HW accelerator for AES 128, 192, 256, Triple
DES, HASH (MD5, SHA-1, SHA-2) and HMAC
• True random number generator
• CRC calculation unit
• RTC: subsecond accuracy, hardware calendar
• 96-bit unique ID
Table 1. Device summary
Reference
Part numbers
STM32F479xx
STM32F479AI, STM32F479AG, STM32F479BI,
STM32F479BG, STM32F479II, STM32F479IG,
STM32F479NI, STM32F479NG, STM32479VG,
STM32479VI, STM32479ZG, STM32479ZI
WLCSP168
UFBGA176 (10 x 10 mm)
TFBGA216 (13 x 13 mm)
LQFP100 (14 × 14 mm)
LQFP144 (20 × 20 mm)
LQFP176 (24 × 24 mm)
LQFP208 (28 × 28 mm)
UFBGA169 (7 × 7 mm)
www.st.com


Similar Part No. - STM32F479AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F479AI STMICROELECTRONICS-STM32F479AI Datasheet
2Mb / 208P
8- to 14-bit parallel camera interface up to 54 Mbytes
19-Oct-2015
More results

Similar Description - STM32F479AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405ZGT6 STMICROELECTRONICS-STM32F405ZGT6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
24-Jan-2012
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405XX STMICROELECTRONICS-STM32F405XX_13 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
04-Jun-2013
STM32F427XX STMICROELECTRONICS-STM32F427XX Datasheet
3Mb / 239P
ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
18-Jul-2016
STM32F437XX STMICROELECTRONICS-STM32F437XX Datasheet
3Mb / 240P
ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
18-Jul-2016
STM32F446XC STMICROELECTRONICS-STM32F446XC Datasheet
2Mb / 202P
ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
02-Sep-2016
STM32F469XX STMICROELECTRONICS-STM32F469XX Datasheet
3Mb / 217P
ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
08-Mar-2016
STM32F469XX STMICROELECTRONICS-STM32F469XX_V01 Datasheet
3Mb / 220P
Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
05-May-2021
STM32F405XX STMICROELECTRONICS-STM32F405XX_V01 Datasheet
5Mb / 201P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
19-Oct-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com