Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 120Page - STMicroelectronics STM32F479AI Datasheet HTML 121Page - STMicroelectronics STM32F479AI Datasheet HTML 122Page - STMicroelectronics STM32F479AI Datasheet HTML 123Page - STMicroelectronics STM32F479AI Datasheet HTML 124Page - STMicroelectronics STM32F479AI Datasheet HTML 125Page - STMicroelectronics STM32F479AI Datasheet HTML 126Page - STMicroelectronics STM32F479AI Datasheet HTML 127Page - STMicroelectronics STM32F479AI Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 217 page
background image
Electrical characteristics
STM32F479xx
124/217
DocID028010 Rev 3
VCMTX
HS transmit common mode
voltage
-
150
200
250
mV
|∆VCMTX|
VCMTX mismatch when output
is Differential-1 or Differential-0
--
-
5
|VOD|
HS transmit differential voltage
-
140
200
270
|∆VOD|
VOD mismatch when output is
Differential-1 or Differential-0
--
-
14
VOHHS
HS output high voltage
-
-
-
360
ZOS
Single ended output
impedance
-40
50
62.5
Ω
∆ZOS
Single ended output
impedance mismatch
--
-
10
%
tHSr & tHSf 20%-80% rise and fall time
-
100
-
0.35*UI
ps
LP Receiver Input Characteristics
VIL
Logic 0 input voltage (not in
ULP State)
--
-
550
mV
VIL-ULPS
Logic 0 input voltage in ULP
State
--
-
300
VIH
Input high level voltage
-
880
-
-
Vhys
Voltage hysteresis
-
25
-
-
LP Emitter Output Characteristics
VIL
Output low level voltage
-
1.1
1.2
1.2
V
VIL-ULPS
Output high level voltage
-
-50
-
50
mV
VIH
Output impedance of LP
transmitter
-110
-
-
Ω
Vhys
15%-85% rise and fall time
-
-
-
25
ns
LP Contention Detector Characteristics
VILCD
Logic 0 contention threshold
-
-
-
200
mV
VIHCD
Logic 0 contention threshold
-
450
-
-
1. Guaranteed based on test during characterization.
Table 45. MIPI D-PHY characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com