Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 149Page - STMicroelectronics STM32F479AI Datasheet HTML 150Page - STMicroelectronics STM32F479AI Datasheet HTML 151Page - STMicroelectronics STM32F479AI Datasheet HTML 152Page - STMicroelectronics STM32F479AI Datasheet HTML 153Page - STMicroelectronics STM32F479AI Datasheet HTML 154Page - STMicroelectronics STM32F479AI Datasheet HTML 155Page - STMicroelectronics STM32F479AI Datasheet HTML 156Page - STMicroelectronics STM32F479AI Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 217 page
background image
DocID028010 Rev 3
153/217
STM32F479xx
Electrical characteristics
190
Table 74 gives the list of Ethernet MAC signals for the RMII and Figure 52 shows the
corresponding timing diagram.
Figure 52. Ethernet RMII timing diagram
Table 73. Dynamics characteristics: Ethernet MAC signals for SMI(1)
1. Guaranteed based on test during characterization.
Symbol
Parameter
Min
Typ
Max
Unit
tMDC
MDC cycle time(2.38 MHz)
400
400
403
ns
Td(MDIO) Write data valid time
THCLK - 1
THCLK
THCLK + 1.5
tsu(MDIO) Read data setup time
12.5
-
-
th(MDIO)
Read data hold time
0
-
-
RMII_REF_CLK
RMII_TX_EN
RMII_TXD[1:0]
RMII_RXD[1:0]
RMII_CRS_DV
td(TXEN)
td(TXD)
tsu(RXD)
tsu(CRS)
tih(RXD)
tih(CRS)
ai15667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com