Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479AI Datasheet(PDF) 184 Page - STMicroelectronics

Part # STM32F479AI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479AI Datasheet(HTML) 184 Page - STMicroelectronics

Back Button STM32F479AI Datasheet HTML 180Page - STMicroelectronics STM32F479AI Datasheet HTML 181Page - STMicroelectronics STM32F479AI Datasheet HTML 182Page - STMicroelectronics STM32F479AI Datasheet HTML 183Page - STMicroelectronics STM32F479AI Datasheet HTML 184Page - STMicroelectronics STM32F479AI Datasheet HTML 185Page - STMicroelectronics STM32F479AI Datasheet HTML 186Page - STMicroelectronics STM32F479AI Datasheet HTML 187Page - STMicroelectronics STM32F479AI Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 217 page
background image
Electrical characteristics
STM32F479xx
184/217
DocID028010 Rev 3
5.3.30
Quad-SPI interface characteristics
Unless otherwise specified, the parameters given in Table 106 and Table 107 for Quad-SPI
are derived from tests performed under the ambient temperature, fAHB frequency and VDD
supply voltage conditions summarized in Table xx, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 VDD
Refer to Section 5.3.20 for more details on the input/output alternate function
characteristics.
Figure 73. Quad-SPI SDR timing diagram
Table 106. Quad-SPI characteristics in SDR mode(1)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Fck
1/t(CK)
Quad-SPI clock frequency
2.7 V ≤ VDD ≤ 3.6 V, CL = 20 pF
-
-
90
MHz
1.71 V ≤ VDD ≤ 3.6 V, CL = 15 pF
--
84
tw(CKH)
Quad-SPI clock high time
‐
t(CK)/2-1
-
t(CK)/2
ns
tw(CKL)
Quad-SPI clock low time
‐
t(CK)/2
-
t(CK)/2+1
ts(IN)
Data input set-up time
‐
0.5
-
-
th(IN)
Data input hold time
‐
3-
-
tv(OUT)
Data output valid time
‐
-3
4
th(OUT)
Data output hold time
‐
2.5
-
-
1. Guaranteed based on test during characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com