Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756VG Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32F756VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756VG Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32F756VG Datasheet HTML 117Page - STMicroelectronics STM32F756VG Datasheet HTML 118Page - STMicroelectronics STM32F756VG Datasheet HTML 119Page - STMicroelectronics STM32F756VG Datasheet HTML 120Page - STMicroelectronics STM32F756VG Datasheet HTML 121Page - STMicroelectronics STM32F756VG Datasheet HTML 122Page - STMicroelectronics STM32F756VG Datasheet HTML 123Page - STMicroelectronics STM32F756VG Datasheet HTML 124Page - STMicroelectronics STM32F756VG Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 228 page
background image
DocID027589 Rev 4
121/228
STM32F756xx
Electrical characteristics
196
APB2
(up to
108 MHz)
TIM1
25.2
23.9
20.4
µA/MHz
TIM8
25.3
24
20.4
USART1
10.3
9.8
8.2
USART6
10.1
9.7
8.1
ADC1(5)
4.5
4.4
3.5
ADC2(5)
4.5
4.4
3.5
ADC3(5)
4.5
4.4
3.3
SDMMC1
8.5
7.9
6.7
SPI1/I2S1(3)
3.1
3
2.5
SPI4
3.1
3
2.5
SYSCFG
1.5
1.4
1
TIM9
8.8
8.4
6.9
TIM10
5.6
5.2
4.3
TIM11
5.4
5.2
4.3
SPI5
3
2.8
2.2
SPI6
3
2.8
2.2
SAI1
3.4
3.3
2.6
SAI2
3.3
3.2
2.5
LTDC
56.7
53.8
45.7
1. When the I/O compensation cell is ON, IDD typical value increases by 0.22 mA.
2. The BusMatrix is automatically active when at least one master is ON.
3. To enable an I2S peripheral, first set the I2SMOD bit and then the I2SE bit in the SPI_I2SCFGR register.
4. When the DAC is ON and EN1/2 bits are set in DAC_CR register, add an additional power consumption of
0.75 mA per DAC channel for the analog part.
5. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of
1.73 mA per ADC for the analog part.
Table 35. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com