Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756VG Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32F756VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756VG Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32F756VG Datasheet HTML 158Page - STMicroelectronics STM32F756VG Datasheet HTML 159Page - STMicroelectronics STM32F756VG Datasheet HTML 160Page - STMicroelectronics STM32F756VG Datasheet HTML 161Page - STMicroelectronics STM32F756VG Datasheet HTML 162Page - STMicroelectronics STM32F756VG Datasheet HTML 163Page - STMicroelectronics STM32F756VG Datasheet HTML 164Page - STMicroelectronics STM32F756VG Datasheet HTML 165Page - STMicroelectronics STM32F756VG Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 228 page
background image
Electrical characteristics
STM32F756xx
162/228
DocID027589 Rev 4
SAI characteristics
Unless otherwise specified, the parameters given in Table 78 for SAI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30 pF
•
Measurement points are performed at CMOS levels: 0.5VDD
Refer to Section 5.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK,SD,WS).
Table 78. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCKL
SAI Main clock output
-
256 x 8K
256xFs(2)
MHz
FSCK
SAI clock frequency
Master data: 32 bits
-
128xFs
MHz
Slave data: 32 bits
-
128xFs
DSCK
SAI clock frequency duty
cycle
Slave receiver
30
70
%
tv(FS)
FS valid time
Master mode
8
22
ns
tsu(FS)
FS setup time
Slave mode
2
-
th(FS)
FS hold time
Master mode
8
-
Slave mode
0
-
tsu(SD_MR)
Data input setup time
Master receiver
5
-
tsu(SD_SR)
Slave receiver
3
-
th(SD_MR)
Data input hold time
Master receiver
0
-
th(SD_SR)
Slave receiver
6
-
tv(SD_ST)
th(SD_ST)
Data output valid time
Slave transmitter (after enable
edge)
-15
tv(SD_MT)
Master transmitter (after enable
edge)
-20
th(SD_MT)
Data output hold time
Master transmitter (after enable
edge)
7-
1. Guaranteed by characterization results.
2. 256xFs maximum corresponds to 45 MHz (APB2 xaximum frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com