Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4100 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-4100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Regulatory Information
The HCPL-4100 has been
approved by the following
organizations:
UL
Recognized under UL 1577,
Component Recognition
Program, File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
7.1
mm
Measured from input terminals to output
(External Clearance)
terminals, shortest distance through air
Min. External Tracking Path
L(IO2)
7.4
mm
Measured from input terminals to output
(External Creepage)
terminals, shortest distance path along body
Min. Internal Plastic Gap
0.08
mm
Through insulation distance, conductor to
(Internal Clearance)
conductor, usually the direct distance
between the photoemitter and photodetector
inside the optocoupler cavity
Tracking Resistance
CTI
200
Volts
DIN IEC 112/VDE 0303 PART 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.
Absolute Maximum Ratings
(No Derating Required up to 55
°C)
Storage Temperature .................................................. -55
°C to +125°C
Operating Temperature ................................................. -40
°C to +85°C
Lead Solder Temperature .... 260
°C for 10 s (1.6 mm below seating plane)
Supply Voltage – VCC .............................................................. 0 V to 20 V
Average Output Current - IO ........................................ -30 mA to 30 mA
Peak Output Current - IO ........................................... Internally Limited
Output Voltage – VO ........................................................ -0.4 V to 27 V
Input Voltage – VI ............................................................ -0.5 V to 20 V
Input Power Dissipation – PI ................................................. 265 mW[1]
Output Power Dissipation – PO ............................................. 125 mW[2]
Total Power Dissipation – P .................................................. 360 mW[3]
Infrared and Vapor Phase Reflow Temperature
(Option #300) .......................................... see Fig. 1, Thermal Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com