Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4100 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-4100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Optically Coupled 20 mA
Current Loop Transmitter
Technical Data
HCPL-4100
Features
• Guaranteed 20 mA Loop
Parameters
• Data Input Compatible with
LSTTL, TTL and CMOS
Logic
• Guaranteed Performance
over Temperature (0
°C to
70
°C)
• Internal Shield for High
Common Mode Rejection
• 20 kBaud Data Rate at 400
Metres Line Length
• Guaranteed On and Off
Output Current Levels
• Safety Approval
UL Recognized -2500 V rms for
1 minute
CSA Approved
• Optically Coupled 20 mA
Current Loop Receiver,
HCPL-4200, Also Available
Applications
• Isolated 20 mA Current
Loop Transmitter in:
Computer Peripherals
Industrial Control Equipment
Data Communications
Equipment
Description
The HCPL-4100 optocoupler is
designed to operate as a transmit-
ter in equipment using the 20 mA
current loop. 20 mA current loop
systems conventionally signal a
logic high state by transmitting
20 mA of loop current (MARK),
and signal a logic low state by
allowing no more than a few
milliamperes of loop current
(SPACE). Optical coupling of the
signal from the logic input to the
20 mA current loop breaks
ground loops and provides very
high immunity to common mode
interference.
The HCPL-4100 data input is
compatible with LSTTL, TTL, or
CMOS logic gates. The input
integrated circuit drives a GaAsP
LED. The light emitted by the
LED is sensed by a second inte-
grated circuit that allows 20 mA
to pass with a voltage drop of less
than 2.7 volts when no light is
emitted and allows less than 2 mA
to pass when light is emitted. The
transmitter output is capable of
withstanding 27 volts. The input
integrated circuit provides a
controlled amount of LED drive
current and takes into account
any LED light output degrada-
tion. The internal shield allows a
guaranteed 1000 V/
µs common
mode transient immunity.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
A 0.1
µF bypass capacitor connected between pins 8 and 5 is recommended.


Similar Part No. - HCPL-4100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-000E AVAGO-HCPL-4100-000E Datasheet
477Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-300E AVAGO-HCPL-4100-300E Datasheet
477Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-500E AVAGO-HCPL-4100-500E Datasheet
477Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
More results

Similar Description - HCPL-4100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693 AD-AD693 Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
Optically Coupled 20 mA Current Loop Receiver
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
Optically Coupled 20 mA Current Loop Receiver
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
Optically Coupled 20 mA Current Loop Receiver
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD694 AD-AD694_15 Datasheet
163Kb / 16P
4-20 mA Transmitter
REV. B
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com