Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4100 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Switching Specifications
For 0
°C ≤ T
A ≤ 70°C, 4.5 V ≤ VCC ≤ 20 V, all typicals at TA = 25°C and VCC = 5 V unless otherwise noted.
See note 12.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig.
Note
Propagation Delay Time
tPLH
0.3
1.6
µsC
O = 1000 pF,
5, 6,
6
to Logic High Output Level
CL = 15 pF,
7
IO = 20 mA
Propagation Delay Time
tPHL
0.2
1.0
µsC
O = 1000 pF,
5, 6,
7
to Logic Low Output Level
CL = 15 pF,
7
IO = 20 mA
Propagation Delay Time
tPLH - tPHL
0.1
µsI
O = 20 mA
Skew
Output Rise Time
tr
16
ns
IO = 20 mA,
6, 8
8
(10-90%)
CO = 1000 pF,
CL = 15 pF
Output Fall Time
tf
23
ns
IO = 20 mA,
6, 8
9
(90-10%)
CO = 1000 pF,
CL = 15 pF
Common Mode Transient
|CMH|
1,000 10,000
V/
µsV
I = 2 V,
9, 10
10
Immunity at Logic High
TA = 25°C
Output Level
VCM = 50 V (peak),
VCC = 5 V
IO (min.) = 12 mA
Common Mode Transient
|CML|
1,000 10,000
V/
µsV
I = 0.8 V,
9, 10
11
Immunity at Logic Low
TA = 25°C
Output Level
VCM = 50 V (peak),
VCC = 5 V
IO (max.) = 3 mA
Package Characteristics
For 0
°C ≤ T
A ≤ 70°C, unless otherwise specified. All typicals at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig.
Notes
Input-Output Momentary
VISO
2500
V rms
RH
≤ 50%, t = 1 min,
Withstand Voltage*
TA = 25°C
5, 13
Resistance, Input-Output
RI-O
1012
ohms
VI-O = 500 V dc
5
Capacitance, Input-Output
CI-O
1
pF
f = 1 MHz,
VI-O = 0 V dc
5
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification, or Agilent Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com