Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4100 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-4100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
20
Volts
Input Voltage Low
VIL
0
0.8
Volts
Input Voltage High
VIH
2.0
20
Volts
Operating Temperature
TA
070
°C
Output Voltage
VO
0
27
Volts
Output Current
IO
024
mA
DC Electrical Specifications
For 0
°C ≤ T
A ≤ 70°C, 4.5 V ≤ VCC ≤ 20 V, all typicals at TA = 25°C and VCC = 5 V unless otherwise noted.
See note 12.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig. Note
Mark State Output
VMO
1.8
2.25
Volts
IO = 2 mA
VI = 2.0 V
2, 3
Current
2.2
Volts
IO = 12 mA
2.35
2.7
Volts
IO = 20 mA
Mark State Short
ISC
30
85
mA
VI = 2 V, VO = 5 V to 27 V
4
Circuit Output
Current
Space State Input
ISO
0.5
1.1
2.0
mA
VI = 0.8 V, VO = 27 V
4
Current
Low Level Input
IIL
-0.12
-0.32
mA
VCC = 20 V, VI = 0.4 V
Current
Low Level Input
VIL
0.8
Volts
Voltage
High Level Input
VIH
2.0
Volts
Voltage
High Level Input
IIH
20
µAV
I = 2.7 V
Current
100
µAV
I = 5.5 V
0.005
250
µAV
I = 20 V
Supply Current
ICC
7.0
11.5
mA
VCC = 5.5 V 0 V ≤ VI ≤ 20 V
7.8
13
mA
VCC = 20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com