Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4100 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-4100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Ordering Information
Specify part number followed by Option Number (if desired).
HCPL-4100# XXX
300 = Gull Wing Surface Mount Lead Option
500 = Tape/Reel Package Option (1 K min)
Option data sheets available. Contact your Agilent sales representative or authorized distributor for
information.
Package Outline Drawings
8-Pin DIP Package (HCPL-4100)
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXX
YYWW
DATE CODE
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
5° TYP.
TYPE NUMBER
UL
RECOGNITION
UR
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com