Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP16 Datasheet(PDF) 8 Page - Microchip Technology

Part # SST11CP16
Description  5.1-5.9 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP16 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST11CP16 Datasheet HTML 4Page - Microchip Technology SST11CP16 Datasheet HTML 5Page - Microchip Technology SST11CP16 Datasheet HTML 6Page - Microchip Technology SST11CP16 Datasheet HTML 7Page - Microchip Technology SST11CP16 Datasheet HTML 8Page - Microchip Technology SST11CP16 Datasheet HTML 9Page - Microchip Technology SST11CP16 Datasheet HTML 10Page - Microchip Technology SST11CP16 Datasheet HTML 11Page - Microchip Technology SST11CP16 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005050B
9/14
8
5.1-5.9 GHz High-Linearity Power Amplifier
SST11CP16
Data Sheet
Typical Performance characteristics
Test Conditions: VCC = 5.0V, TA = 25°C, VREG = 2.85V, 802.11a 54 Mbps OFDM
Modulation unless otherwise noted
Figure 4: 802.11a 64QAM, 54 Mbps EVM versus Output Power, measured with equalizer
channel estimation set to “Sequence Only”
Figure 5: 802.11ac 256QAM, MCS9-80 MHz EVM versus Output Power, measured with
equalizer channel estimation set to “Sequence Only”
75025 F3.1
0
1
2
3
4
5
6
7
8
9
10
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Output Power (dBm)
EVM versus Output Power
5180 MHz
5500 MHz
5850 MHz
75050 F8.0
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 111213141516171819202122
Output Power (dBm)
EVM versus Output Power
Freq=5.18 GHz
Freq=5.50 GHz
Freq=5.85 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com