Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP16 Datasheet(PDF) 2 Page - Microchip Technology

Part # SST11CP16
Description  5.1-5.9 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP16 Datasheet(HTML) 2 Page - Microchip Technology

  SST11CP16 Datasheet HTML 1Page - Microchip Technology SST11CP16 Datasheet HTML 2Page - Microchip Technology SST11CP16 Datasheet HTML 3Page - Microchip Technology SST11CP16 Datasheet HTML 4Page - Microchip Technology SST11CP16 Datasheet HTML 5Page - Microchip Technology SST11CP16 Datasheet HTML 6Page - Microchip Technology SST11CP16 Datasheet HTML 7Page - Microchip Technology SST11CP16 Datasheet HTML 8Page - Microchip Technology SST11CP16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005050B
9/14
2
5.1-5.9 GHz High-Linearity Power Amplifier
SST11CP16
Data Sheet
Product Description
SST11CP16 is a high-linearity power amplifier with low power consumption and is based on the highly-
reliable InGaP/GaAs HBT technology. It can be easily configured for high-linearity, high-efficiency
applications, with superb power-added efficiency, while operating over the 802.11a frequency band for
U.S. and European markets (5.1-5.9 GHz).
SST11CP16 has excellent linearity, typically ~3% added EVM at 21.5 dBm output power for 54 Mbps
802.11a operation, at 5.0V, while meeting 802.11a spectrum mask at 25 dBm. SST11CP16 provides 19
dBm with less than 1.8% EVM, using 802.11ac modulation with 80 MHz bandwidth and 351 Mbps data rate.
This power amplifier also provides a wide dynamic-range, linear power detector that is temperature and
VSWR insensitive. This integrated power detector can lower the cost of power control.
The power amplifier IC also features easy board-level operation along with high-speed power-up/-
down control. Low reference current (total IREF <8 mA) makes the SST11CP16 controllable by an on/off
switching signal directly from the baseband chip. These features coupled with low operating current
make the SST11CP16 ideal for the final stage power amplification in 802.11a/n/ac WLAN transmitter
applications.
The SST11CP16 is offered in 16-contact XQFN package with 0.5 mm maximum thickness. See Figure
2 for pin assignments and Table 1 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com