Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP16 Datasheet(PDF) 13 Page - Microchip Technology

Part # SST11CP16
Description  5.1-5.9 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP16 Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST11CP16 Datasheet HTML 6Page - Microchip Technology SST11CP16 Datasheet HTML 7Page - Microchip Technology SST11CP16 Datasheet HTML 8Page - Microchip Technology SST11CP16 Datasheet HTML 9Page - Microchip Technology SST11CP16 Datasheet HTML 10Page - Microchip Technology SST11CP16 Datasheet HTML 11Page - Microchip Technology SST11CP16 Datasheet HTML 12Page - Microchip Technology SST11CP16 Datasheet HTML 13Page - Microchip Technology SST11CP16 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005050B
9/14
13
5.1-5.9 GHz High-Linearity Power Amplifier
SST11CP16
Data Sheet
Packaging Diagrams
Figure 10:16-contact Extremely-thin Quad Flat No-lead (XQFN)
SST Package Code: QXC
Note: 1. Complies with JEDEC JEP95 MO-248, variant XEED-4 except external paddle nominal dimensions.
2. From the bottom view, the pin 1 indicator may be either a 45-degree chamfer or a half-circle notch.
3. The external paddle is electrically connected to the die back-side and to VSS.
This paddle must be soldered to the PC board; it is requiresd to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential will result in shorts and electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
16-xqfn-3x3-QXC-1.0
1.7
0.5 BSC
See notes
2and3
Pin 1
0.30
0.18
0.075
1.7
0.15
0.05 Max
0.45
0.35
0.50
0.40
Pin 1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
3.00
0.075
3.00
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com