Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP16 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST11CP16
Description  5.1-5.9 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP16 Datasheet(HTML) 1 Page - Microchip Technology

  SST11CP16 Datasheet HTML 1Page - Microchip Technology SST11CP16 Datasheet HTML 2Page - Microchip Technology SST11CP16 Datasheet HTML 3Page - Microchip Technology SST11CP16 Datasheet HTML 4Page - Microchip Technology SST11CP16 Datasheet HTML 5Page - Microchip Technology SST11CP16 Datasheet HTML 6Page - Microchip Technology SST11CP16 Datasheet HTML 7Page - Microchip Technology SST11CP16 Datasheet HTML 8Page - Microchip Technology SST11CP16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005050B
9/14
Data Sheet
www.microchip.com
Features
• Small package size
– 16-contact XQFN (3mm x 3mm x 0.5mm max thick-
ness)
• Operating voltage
–VCC = 5.0V
• High linear output power across 5.1-5.9 GHz @ 5V:
– 802.11a OFDM Spectrum mask compliant up to 25
dBm typically
– 802.11n HT20 OFDM Spectrum mask compliant up to 24.5
dBm typically
– 3% EVM up to 21.5 dBm, typically for 802.11a, 54 Mbps sig-
nal
– 2.5% EVM up to 20 dBm, typically for 802.11n, MCS7,
40 MHz BW signal
– 1.8% EVM up to 19 dBm, typically for 802.11ac, MCS9,
80 MHz BW signal
• High power-added efficiency/low operating current
for 54 Mbps 802.11a applications
– ~11% @ POUT = 23 dBm for 802.11a OFDM, 5V VCC
• Gain:
– Typically 30 dB gain across band 5.1-5.9 GHz
• Idle current
– ~250 mA ICQ
• High speed power-up/-down
– Turn on/off time (10%~90%) <100 ns
• Low shut-down current (~1 µA)
• On-chip power detection
– 20 dB linear dynamic range
•50
 on-chip input match and simple output match
• All lead-free devices are RoHS compliant
Applications
• WLAN (IEEE 802.11a/n/ac)
• HyperLAN2
• Multimedia
5.1-5.9 GHz High-Linearity Power Amplifier
SST11CP16
SST11CP16 is a versatile power amplifier based on the highly-reliable InGaP/
GaAs HBT technology. It is easily configured for high-linearity, high-efficiency
applications, with superb power-added efficiency, while operating over operating
over the 5.1-5.9 GHz frequency band. SST11CP16 has the excellent linearity
required by the 802.11a/n/ac applications. SST11CP16 provides 19 dBm with
less than 1.8% EVM using 802.11ac modulation, with 80 MHz bandwidths and
351 Mbps data rate. It meets 802.11a spectrum mask requirements at 25 dBm
and 802.11n HT20 spectrum mask at 24.5 dBm. This power amplifier also fea-
tures easy, board-level usage along with high-speed power-up/-down control
through a single reference voltage pin. SST11CP16 is offered in a 16-contact
XQFN package with 0.5mm maximum thickness.


Similar Part No. - SST11CP16

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
More results

Similar Description - SST11CP16

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
ANADIGICS, Inc
RFS1003 ANADIGICS-RFS1003 Datasheet
75Kb / 4P
5.1-5.9 GHz U-NII Power Amplifier
05/2003
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
logo
Tyco Electronics
MAAP-007899 MACOM-MAAP-007899 Datasheet
120Kb / 4P
High Power Linear Amplifier 5.7 - 5.9 GHz
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP22 MICROCHIP-SST11CP22 Datasheet
871Kb / 17P
5.1-5.9 GHz 802.11ac WLAN Power Amplifier
01/27/15
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
5.9 ??7.1 GHz Power Amplifier
September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com