Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP16 Datasheet(PDF) 9 Page - Microchip Technology

Part # SST11CP16
Description  5.1-5.9 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP16 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST11CP16 Datasheet HTML 5Page - Microchip Technology SST11CP16 Datasheet HTML 6Page - Microchip Technology SST11CP16 Datasheet HTML 7Page - Microchip Technology SST11CP16 Datasheet HTML 8Page - Microchip Technology SST11CP16 Datasheet HTML 9Page - Microchip Technology SST11CP16 Datasheet HTML 10Page - Microchip Technology SST11CP16 Datasheet HTML 11Page - Microchip Technology SST11CP16 Datasheet HTML 12Page - Microchip Technology SST11CP16 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005050B
9/14
9
5.1-5.9 GHz High-Linearity Power Amplifier
SST11CP16
Data Sheet
Figure 6: Power Supply Current versus Output Power, VCC = 5.0V, VREG = 2.85
Figure 7: Power Gain versus Output Power, VCC = 5.0V, VREG = 2.85
75025 F4.1
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350
360
370
380
390
400
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Output Power (dBm)
Supply Current versus Output Power
5180 MHz
5500 MHz
5850 MHz
75025 F5.1
20
21
22
23
24
25
26
27
28
29
30
31
32
33
5
6
7
8
9
10 11 1213141516171819202122232425
Output Power (dBm)
Power Gain versus Output Power
5180 MHz
5500 MHz
5850 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com