Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC15H12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC15H12
Description  1200 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC15H12 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC15H12 Datasheet HTML 1Page - STMicroelectronics STPSC15H12 Datasheet HTML 2Page - STMicroelectronics STPSC15H12 Datasheet HTML 3Page - STMicroelectronics STPSC15H12 Datasheet HTML 4Page - STMicroelectronics STPSC15H12 Datasheet HTML 5Page - STMicroelectronics STPSC15H12 Datasheet HTML 6Page - STMicroelectronics STPSC15H12 Datasheet HTML 7Page - STMicroelectronics STPSC15H12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2016
DocID029174 Rev 1
1/8
This is information on a product in full production.
www.st.com
STPSC15H12
1200 V power Schottky silicon carbide diode
Datasheet - production data
Features
No or negligible reverse recovery
Switching behavior independent of
temperature
Robust high voltage periphery
Description
The SiC diode, available in TO-220AC, is an
ultrahigh performance power Schottky rectifier. It
is manufactured using a silicon carbide substrate.
The wide band-gap material allows the design of
a low VF Schottky diode structure with a 1200 V
rating. Due to the Schottky construction, no
recovery is shown at turn-off and ringing patterns
are negligible. The minimal capacitive turn-off
behavior is independent of temperature.
Especially suited for use in PFC and secondary
side applications, this ST SiC diode will boost the
performance in hard switching conditions. This
rectifier will enhance the performance of the
targeted application. Its high forward surge
capability ensures a good robustness during
transient phases.
Table 1: Device summary
Symbol
Value
IF(AV)
15 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
A
K
A
K
K
TO-220AC


Similar Part No. - STPSC15H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC15H12-Y STMICROELECTRONICS-STPSC15H12-Y Datasheet
408Kb / 8P
Robust high voltage periphery
05-Jan-2017
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
More results

Similar Description - STPSC15H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
1200 V power Schottky silicon carbide diode
03-May-2016
STPSC20H12 STMICROELECTRONICS-STPSC20H12 Datasheet
436Kb / 8P
1200 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC2H12 STMICROELECTRONICS-STPSC2H12 Datasheet
468Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC5H12 STMICROELECTRONICS-STPSC5H12 Datasheet
469Kb / 10P
1200 V power Schottky silicon carbide diode
24-Jan-2017
STPSC6H12 STMICROELECTRONICS-STPSC6H12 Datasheet
267Kb / 8P
1200 V power Schottky silicon carbide diode
01-Sep-2016
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
1200 V power Schottky silicon carbide diode
28-Feb-2017
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com