Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013HS Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER013HS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013HS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER013HS Datasheet HTML 13Page - STMicroelectronics VIPER013HS Datasheet HTML 14Page - STMicroelectronics VIPER013HS Datasheet HTML 15Page - STMicroelectronics VIPER013HS Datasheet HTML 16Page - STMicroelectronics VIPER013HS Datasheet HTML 17Page - STMicroelectronics VIPER013HS Datasheet HTML 18Page - STMicroelectronics VIPER013HS Datasheet HTML 19Page - STMicroelectronics VIPER013HS Datasheet HTML 20Page - STMicroelectronics VIPER013HS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
VIPer01
General description
DocID028751 Rev 1
17/36
4.3
Primary MOSFET
The primary switch is implemented with an avalanche-rugged N-channel MOSFET with
minimum breakdown voltage 800 V, VBVDSS, and maximum on-
resistance of 30 Ω, RDS(on).
The sense-FET is embedded and it allows a virtually lossless current sensing. The
MOSFET is embedded and it allows the HV voltage start-up operation.
The MOSFET gate driver controls the gate current during both turn-on and turn-off in order
to minimize EMI. Under UVLO conditions the embedded pull-down circuit holds the gate
low in order to ensure that the MOSFET cannot be turned on accidentally.
4.4
High voltage startup
The embedded high voltage startup includes both the 800 V start-up FET, whose gate is
biased through the resistor RG, and the switchable HV current source, delivering the current
IHV. The major portion of IHV, (ICH), charges the capacitor connected to VCC. A minor
portion is sunk by the controller block.
At startup, as the voltage across the DRAIN pin exceeds the VHV_START threshold, the HV
current source is turned on, charging linearly the CS capacitor. At the very beginning of the
startup, when Cs is fully discharged, the charging current is low, ICH1, in order to avoid IC
damaging in case VCC is accidentally shorted to GND. As VCC exceeds 1 V, ICH is increased
to ICH2 in order to speed up the charging of CS.
As VCC reaches the start-up threshold VCCon (8 V typ.) the chip starts operating, the primary
MOSFET is enabled to switch, the HV current source is disabled and the device is powered
by the energy stored in the CS capacitor.
In steady-state the IC supports two different kind of supplies: self-supply and external
supply, as shown in Figure 25: "IC supply modes: self-supply and external supply".
Figure 25: IC supply modes: self-supply and external supply
In self-supply only one capacitor CS is connected to the VCC and the device is supplied by
the energy stored in CS. After the IC startup, due to its internal consumption, the VCC
decays to VCCson (4.25 V, typ.) and the HV current source is turned on delivering the current
ICH3 until VCC is recharged to VCCon. The HV current source is reactivated when VCC decays
to VCCson again. The ICH3 is supplied during the switching OFF time only. In external supply
the HV current source is always kept off by maintaining the VCC above VCSon. This can be
GIPD160720151024MT
ICH
VCC
Self -supply
External supply
from the output
from auxiliary winding
VOUT
ICH
VCC
ICH
VCC
VAux
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com