Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013HS Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER013HS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013HS Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER013HS Datasheet HTML 1Page - STMicroelectronics VIPER013HS Datasheet HTML 2Page - STMicroelectronics VIPER013HS Datasheet HTML 3Page - STMicroelectronics VIPER013HS Datasheet HTML 4Page - STMicroelectronics VIPER013HS Datasheet HTML 5Page - STMicroelectronics VIPER013HS Datasheet HTML 6Page - STMicroelectronics VIPER013HS Datasheet HTML 7Page - STMicroelectronics VIPER013HS Datasheet HTML 8Page - STMicroelectronics VIPER013HS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
VIPer01
Pin setting
DocID028751 Rev 1
5/36
1
Pin setting
Figure 2: Connection diagram
Table 1: Pin description
SSOP10
Name
Function
1
GND
Ground and MOSFET source. Connection of source of the internal MOSFET
and the return of the bias current of the device. All groundings of bias
components must be tied to a trace going to this pin and kept separate from the
pulsed current return.
2
VCC
Controller supply. An external storage capacitor has to be connected across
this pin and GND. The pin, internally connected to the high voltage current
source, provides the VCC capacitor charging current at startup and during
steady-state operation, if the self-supply mode is selected. A small bypass
capacitor (0.1 μF typ.) in parallel, placed as close as possible to the IC, is also
recommended, for noise filtering purpose.
3
DIS
Disable. If its voltage exceeds the internal threshold VDIS_th (1.2 V typ.) for more
than tDEB time (1 ms, typ.), the PWM is disabled in auto-restart mode. An input
overvoltage protection can be built by connecting a voltage divider between DIS
pin and the rectified mains. In case of non-isolated topologies, with the same
principle an output overvoltage protection can be implemented. If the disable
function is not required, DIS pin must be soldered to GND, which excludes the
function.
4
FB
Direct feedback. It is the inverting input of the internal transconductance E/A,
which is internally referenced to 1.2 V with respect to GND. In case of non-
isolated converter, the output voltage information is directly fed into the pin
through a voltage divider. In case of primary regulation, the FB voltage divider is
connected to the VCC. The E/A is disabled soldering FB to GND.
5
COMP
Compensation. It is the output of the internal E/A. A compensation network is
placed between this pin and GND to achieve stability and good dynamic
performance of the control loop. In case of secondary feedback, the internal E/A
must be disabled and the COMP directly driven by the optocoupler to control the
DRAIN peak current setpoint.
6 to 10
DRAIN
MOSFET drain. The internal high voltage current source sinks current from this
pin to charge the VCC capacitor at startup and during steady-state operation.
These pins are mechanically connected to the internal metal PAD of the
MOSFET in order to facilitate heat dissipation. On the PCB, copper area must
be placed under these pins in order to decrease the total junction-to-ambient
thermal resistance thus facilitating the power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com