Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013HS Datasheet(PDF) 29 Page - STMicroelectronics

Part # VIPER013HS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013HS Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VIPER013HS Datasheet HTML 25Page - STMicroelectronics VIPER013HS Datasheet HTML 26Page - STMicroelectronics VIPER013HS Datasheet HTML 27Page - STMicroelectronics VIPER013HS Datasheet HTML 28Page - STMicroelectronics VIPER013HS Datasheet HTML 29Page - STMicroelectronics VIPER013HS Datasheet HTML 30Page - STMicroelectronics VIPER013HS Datasheet HTML 31Page - STMicroelectronics VIPER013HS Datasheet HTML 32Page - STMicroelectronics VIPER013HS Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
VIPer01
Application information
DocID028751 Rev 1
29/36
5.3
Energy saving performance
The device allows designing applications to be compliant with the most stringent energy
saving regulations. In order to show the typical performance is achievable, the active mode
average efficiency and the efficiency at 10% of the rated output power of a single output
flyback converter have been measured and are reported in Table 9: "Power supply
efficiency, VOUT = 5 V". In addition, no-load and light load consumptions are shown in
Figure 39: "PIN versus VIN in no-load, VOUT = 5 V" and Figure 40: "PIN versus VIN in light
load, VOUT = 5 V".
Table 9: Power supply efficiency, VOUT = 5 V
VIN
10 % output load
efficiency [%]
Active mode average
efficiency [%]
Pin @ no-load [mW]
115 VAC
72.2
74.6
4.5
230 VAC
65.1
75.1
8.6
Figure 39: PIN versus VIN in no-load, VOUT = 5 V
Figure 40: PIN versus VIN in light load, VOUT = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com