Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013HS Datasheet(PDF) 21 Page - STMicroelectronics

Part # VIPER013HS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013HS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VIPER013HS Datasheet HTML 17Page - STMicroelectronics VIPER013HS Datasheet HTML 18Page - STMicroelectronics VIPER013HS Datasheet HTML 19Page - STMicroelectronics VIPER013HS Datasheet HTML 20Page - STMicroelectronics VIPER013HS Datasheet HTML 21Page - STMicroelectronics VIPER013HS Datasheet HTML 22Page - STMicroelectronics VIPER013HS Datasheet HTML 23Page - STMicroelectronics VIPER013HS Datasheet HTML 24Page - STMicroelectronics VIPER013HS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
VIPer01
General description
DocID028751 Rev 1
21/36
4.8
Direct feedback
The IC embeds a transconductance type error amplifier (E/A) whose inverting input, ground
reference and output are FB and COMP, respectively. The internal reference voltage of the
E/A is VFB_REF (1.2 V typical value referred to GND). In non-isolated topologies this tightly
regulates positive output voltages through a simple voltage divider applied to the output
voltage terminal, FB and GND.
The E/A output is scaled down and fed into the PWM comparator, where it is compared to
the voltage across the sense resistor in series to the sense-FET, thus setting the cycle-by-
cycle drain current limitation.
An R-C network connected on the output of the E/A (COMP) is usually used to stabilize the
overall control loop.
The FB is provided with an internal pull-up to prevent a wrong IC behavior when the pin is
accidentally left floating.
The E/A is disabled if the FB voltage is lower than VFB_DIS (200 mV, typ.).
4.9
Secondary feedback
When a secondary feedback is required, the internal E/A has to be disabled shorting FB to
GND (VFB < VFB_DIS). With this setting, COMP is internally connected to a pre-regulated
voltage through the pull-up resistor RCOMP(DYN)
, (60 kΩ, typ.) and the voltage across COMP
is set by the current sunk.
This allows the output voltage value to be set through an external error amplifier (TL431 or
similar) placed on the secondary side, whose error signal is used to set the DRAIN peak
current setpoint corresponding to the output power demand. If isolation is required, the
error signal must be transferred through an optocoupler, with the phototransistor collector
connected across COMP and GND.
4.10
Pulse frequency modulation
If the output load is decreased, the feedback loop reacts lowering the VCOMP voltage, which
reduces the DRAIN peak current setpoint, down to the minimum value of IDLIM_PFM when the
VCOMPL threshold is reached.
If the load is furtherly decreased, the DRAIN peak current value is maintained at IDLIM_PFM
and some PWM cycles are skipped. This kind of operation is referred to as “pulse
frequency modulation” (PFM), the number of the skipped cycles depends on the balance
between the output power demand and the power transferred from the input. The result is
an equivalent switching frequency which can go down to some hundreds Hz, thus reducing
all the frequency-related losses.
This kind of operation, together with the extremely low IC quiescent current, allows very low
input power consumption in no-load and light load, while the low DRAIN peak current
value, IDLIM_PFM, prevents any audible noise which could arise from low switching frequency
values. When the load is increased, VCOMP increases and PFM is exited. VCOMP reaches its
maximum at VCOMPH and corresponding to that value, the DRAIN current limitation (IDLIM) is
reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com