Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER013HS Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER013HS
Description  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER013HS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER013HS Datasheet HTML 14Page - STMicroelectronics VIPER013HS Datasheet HTML 15Page - STMicroelectronics VIPER013HS Datasheet HTML 16Page - STMicroelectronics VIPER013HS Datasheet HTML 17Page - STMicroelectronics VIPER013HS Datasheet HTML 18Page - STMicroelectronics VIPER013HS Datasheet HTML 19Page - STMicroelectronics VIPER013HS Datasheet HTML 20Page - STMicroelectronics VIPER013HS Datasheet HTML 21Page - STMicroelectronics VIPER013HS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
General description
VIPer01
18/36
DocID028751 Rev 1
obtained through a transformer auxiliary winding or a connection from the output, the latter
in case of non-isolated topology only. In this case the residual consumption is given by the
power dissipated on RG, calculated as follows:
At the nominal input voltage, 230 VAC, the typical consumption (RG
= 30 MΩ) is 3.5 mW and
the worst-case consumption (RG
= 22 MΩ) is 4.8 mW.
When the IC is disconnected from the mains, or there is a mains interruption, for some time
the converter keeps on working, powered by the energy stored in the input bulk capacitor.
When it is discharged below a critical value, the converter is no longer able to keep the
output voltage regulated. During the power down, when the DRAIN voltage becomes too
low, the HV current source (IHV) remains off and the IC is stopped as soon as the VCC drops
below the UVLO threshold, VCCoff.
Figure 26: Power-ON and power-OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com