Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB2602
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2602 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2602 Datasheet HTML 17Page - Microchip Technology USB2602 Datasheet HTML 18Page - Microchip Technology USB2602 Datasheet HTML 19Page - Microchip Technology USB2602 Datasheet HTML 20Page - Microchip Technology USB2602 Datasheet HTML 21Page - Microchip Technology USB2602 Datasheet HTML 22Page - Microchip Technology USB2602 Datasheet HTML 23Page - Microchip Technology USB2602 Datasheet HTML 24Page - Microchip Technology USB2602 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
 2004 - 2016 Microchip Technology Inc.
DS00002119A-page 21
USB2601/USB2602
Note 6-4
Output leakage is measured with the current pins in high impedance.
Note 6-5
See Appendix A for USB DC electrical characteristics.
Note 6-6
The Maximum power dissipation parameters of the package should not be exceeded
Note 6-7
The assignment of each Integrated Card Power FET to a designated Card Connector is controlled
by both firmware and the specific board implementation. Firmware will default to the settings listed in
Table 8-1, “GPIO Usage (ROM Rev -01),” on page 25.
Integrated Power FET for
GPIO11
Output Current
Short Circuit Current Limit
On Resistance
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
200
181
2.1
800
mA
mA
s
GPIO11;
VdropFET = 0.46V
GPIO11;
VoutFET = 0V
GPIO11;
IFET = 70mA
GPIO11;
CLOAD = 10F
Supply Current Hub, Card Read-
er, Unconfigured
High-Speed Host
Full-Speed Host
ICCINIT
ICCINIT
90
83
mA
mA
Supply Current
Configured
(High-Speed Host)
3 Ext Ports @HS
Card Reader Active
302
mA
Total from all supplies
Supply Current
Configured
(High-Speed Host)
1 Ext Port @HS
Card Reader Active
242
mA
Total from all supplies
Supply Current
Configured
(Full-Speed Host)
1 Ext Port @ FS/LS
Card Reader Active
200
mA
Total from all supplies
Supply Current
Suspend
ICSBY
298
mA
Total from all supplies.
Supply Current
Reset
IRST
91
mA
Total from all supplies.
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com