Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2602
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2602 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2602 Datasheet HTML 11Page - Microchip Technology USB2602 Datasheet HTML 12Page - Microchip Technology USB2602 Datasheet HTML 13Page - Microchip Technology USB2602 Datasheet HTML 14Page - Microchip Technology USB2602 Datasheet HTML 15Page - Microchip Technology USB2602 Datasheet HTML 16Page - Microchip Technology USB2602 Datasheet HTML 17Page - Microchip Technology USB2602 Datasheet HTML 18Page - Microchip Technology USB2602 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
 2004 - 2016 Microchip Technology Inc.
DS00002119A-page 15
USB2601/USB2602
General Purpose I/O
Or
Card Power
GPIO8/
CRD_PWR0
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
General Purpose I/O
GPIO9
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
General Purpose I/O
Or
Card Power
GPIO10/
CRD_PWR1
I/O8
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
General Purpose I/O
Or
Card Power
GPIO11/
CRD_PWR2
I/O8
GPIO: These pins may be used either as input, edge
sensitive interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 200mA.
General Purpose I/O
GPIO[15:12]
I/O8
These pins may be used either as input, or output.
RESET input
RESET_N
IS
This active low signal is used by the system to reset the
chip. The active low pulse should be at least 1
s wide.
TEST Input
TEST
IPD
Used for testing the IC. User must treat either as a no-
connect, or connect to the ground.
USB Transceiver Bias
RBIAS
I
A 12.0k
,  1.0% resistor is attached from VSS to this
pin, in order to set the transceiver’s internal bias currents.
Analog Test
ATEST
AIO
This signal is used for testing the analog section of the
chip and should be connected to VDDA33 for normal
operation.
Crystal Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
24MHz Crystal or external clock input.
This pin can be connected to one terminal of the crystal
or can be connected to an external 24MHz clock when a
crystal is not used.
Note:
The ‘SEL_CLKDRV and CLK_SEL[1:0]’ pins
will be sampled while RESET_N is asserted,
and the value will be latched upon RESET_N
negation. This will determine the clock source
and value.
Crystal Output
XTAL2
OCLKx
24MHz Crystal
This is the other terminal of the crystal, or left open when
an external clock source is used to drive XTAL1/CLKIN.
It may not be used to drive any external circuitry other
than the crystal circuit.
Select Clock Drive
SEL_CLKDRV
I/O8PD
SEL_CLKDRV. During RESET_N assertion, this pin will
select the operating clock mode (crystal or externally
driven clock source), and a weak pull-down resistor is
enabled. When RESET_N is negated, the value will be
internally latched and the internal pull-down will be
disabled.
‘0’ = Crystal operation (24MHz)
‘1’ = Externally driven clock source (24MHz)
Clock Select
CLK_SEL[1:0]
I/O8PD
SEL[1:0]. During RESET_N assertion, these pins will
select the operating frequency of the external clock, and
the corresponding weak pull-down resistors are enabled.
When RESET_N is negated, the value on these pins will
be internal latched and the internal pull-downs will be
disabled.
SEL[1:0] = ‘00’. 24MHz
SEL[1:0] = ‘01’. RESERVED
SEL[1:0] = ‘10’. RESERVED
SEL[1:0] = ‘11’. RESERVED
ANALOG POWER
1.8V PLL Power
VDD18PLL
1.8V Output from the internal 1.8V PLL regulator
3.3V PLL Power
VDD33PLL
3.3V Input to the internal 1.8V PLL regulator.
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com