Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2602
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2602 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2602 Datasheet HTML 7Page - Microchip Technology USB2602 Datasheet HTML 8Page - Microchip Technology USB2602 Datasheet HTML 9Page - Microchip Technology USB2602 Datasheet HTML 10Page - Microchip Technology USB2602 Datasheet HTML 11Page - Microchip Technology USB2602 Datasheet HTML 12Page - Microchip Technology USB2602 Datasheet HTML 13Page - Microchip Technology USB2602 Datasheet HTML 14Page - Microchip Technology USB2602 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
 2004 - 2016 Microchip Technology Inc.
DS00002119A-page 11
USB2601/USB2602
5.0
PIN DESCRIPTIONS
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface.
The “n” or “_N” symbol in the signal name indicates that the active, or asserted state occurs when the signal is at a low
voltage level. When “n” is not present before the signal name (or “_N” after the signal name), the signal is asserted when
at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signal. The term assert, or assertion indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation indicates that a signal is inactive.
5.1
PIN Descriptions
Name
Symbol
Buffer Type
Description
UPSTREAM USB INTERFACE
USB Bus Data
USBUP_DM
USBUP_DP
IO-U
These pins connect to the Upstream USB bus data
signals.
Detect Upstream
VBUS Power
VBUS_DET
I/O12
Detects state of Upstream VBUS power. The Microchip
Hub monitors VBUS_DET to determine when to assert
the internal D+ pull-up resistor (signalling a connect
event).
When designing a detachable hub, this pin must be
connected to the VBUS power pin of the USB port that is
upstream of the hub.
For self-powered applications with a permanently
attached host, this pin must be pulled-up to either 3.3V or
5.0V (typically VDD33).
3-PORT USB INTERFACE
USB Bus Data
USBDN_DM
[4:2]
USBDN_DP
[4:2]
IO-U
These pins connect to the Downstream USB bus data
signals.
USB Power Enable
PRTPWR[4:2]
I/O12
Enables power to USB peripheral devices (downstream).
The active signal level of the PRTPWR[4:2] pins is
determined by the Power Polarity Strapping function of
the PRTPWR_POL pin.
Port Power Polarity
Strapping
PRTPWR_POL
I/O12
Port Power Polarity strapping determination for the active
signal polarity of the PRTPWR[4:2] pins.
While RESET_N is asserted, the logic state of this pin will
(though the use of internal combinatorial logic) determine
the active state of the PRTPWR[4:2] pins in order to
ensure that downstream port power is not inadvertently
enabled to inactive ports during a hardware reset.
‘1’ = PRTPWR[4:2] pins have an active ‘high’ polarity
‘0’ = PRTPWR[4:2] pins have an active ‘low’ polarity
Over Current Sense
OCS[4:2]_N
IPU
Input from external current monitor indicating an over-
current condition. {Note: Contains internal pull-up to 3.3V
supply}
Green LED
GR[4:2]_N
I/O8
Green indicator LED for ports 2, 3 and 4. Will be active
low when LED support is enabled via EEPROM or
SMBus.
CompactFlash (In True IDE mode) INTERFACE
CF Chip Select 1
CF_nCS1
O8PU
This pin is the active low chip select 1 signal for the CF
ATA device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com