Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2602 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB2602
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2602 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2602 Datasheet HTML 8Page - Microchip Technology USB2602 Datasheet HTML 9Page - Microchip Technology USB2602 Datasheet HTML 10Page - Microchip Technology USB2602 Datasheet HTML 11Page - Microchip Technology USB2602 Datasheet HTML 12Page - Microchip Technology USB2602 Datasheet HTML 13Page - Microchip Technology USB2602 Datasheet HTML 14Page - Microchip Technology USB2602 Datasheet HTML 15Page - Microchip Technology USB2602 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
USB2601/USB2602
DS00002119A-page 12
 2004 - 2016 Microchip Technology Inc.
CF Chip Select 0
CF_nCS0
O8PU
This pin is the active low chip select 0 signal for the task
file registers of CF ATA device in the True IDE mode.
CF Register Address
2
CF_SA2
O8
This pin is the register select address bit 2 for the CF ATA
device.
CF Register Address
1
CF_SA1
O8
This pin is the register select address bit 1 for the CF ATA
device
CF Register Address
0
CF_SA0
O8
This pin is the register select address bit 0 for the CF ATA
device.
CF Interrupt
CF_IRQ
IPD
This is the active high interrupt request signal from the CF
device.
CF Data [15:8]
CF_D[15:8]
I/O8PD
The bi-directional data signals CF_D15-CF_D8 in True
IDE mode data transfer.
In the True IDE Mode, all of task file register operation
occur on the CF_D[7:0], while the data transfer is on
CF_D[15:0].
The bi-directional data signal has an internal weak pull-
down resistor.
CF Data [7:0]
CF_D[7:0]
I/O8PD
The bi-directional data signals CF_D7-CF_D0 in the True
IDE mode data transfer.
In the True IDE Mode, all of task file register operation
occur on the CF_D[7:0], while the data transfer is on
CF_D[15:0].
The bi-directional data signal has an internal weak pull-
down resistor.
IO Ready
CF_IORDY
IPU
This pin is active high input signal.
This pin has an internally controlled weak pull-up resistor.
CF
Card Detection2
CF_nCD2
IPU
This card detection pin is connected to the ground on the
CF device, when the CF device is inserted.
This pin has an internally controlled weak pull-up resistor.
CF
Card Detection1
CF_nCD1
IPU
This card detection pin is connected to ground on the CF
device, when the CF device is inserted.
This pin has an internally controlled weak pull-up resistor.
CF
Hardware Reset
CF_nRESET
O8
This pin is an active low hardware reset signal to CF
device.
CF
IO Read
CF_nIOR
O8
This pin is an active low read strobe signal for CF device.
CF
IO Write Strobe
CF_nIOW
O8
This pin is an active low write strobe signal for CF device.
SmartMedia INTERFACE
SM
Write Protect
SM_nWP
O8PD
This pin is an active low write protect signal for the SM
device.
This pin has a weak pull-down resistor that is
permanently enabled
SM
Address Strobe
SM_ALE
O8PD
This pin is an active high Address Latch Enable signal for
the SM device.
This pin has a weak pull-down resistor that is
permanently enabled
SM
Command Strobe
SM_CLE
O8PD
This pin is an active high Command Latch Enable signal
for the SM device.
This pin has a weak pull-down resistor that is
permanently enabled
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com